Electronic Components Datasheet Search
  English  ▼

X  

LB1832V Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1832V
Description  Low-Saturation 1.5-Channel 3 V Drive Bidirectional Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1832V Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1832V Datasheet HTML 1Page - Sanyo Semicon Device LB1832V Datasheet HTML 2Page - Sanyo Semicon Device LB1832V Datasheet HTML 3Page - Sanyo Semicon Device LB1832V Datasheet HTML 4Page - Sanyo Semicon Device LB1832V Datasheet HTML 5Page - Sanyo Semicon Device LB1832V Datasheet HTML 6Page - Sanyo Semicon Device LB1832V Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25°C
Allowable Operating Ranges at Ta = 25°C
Electrical Characteristics at Ta = 25°C, VCC = VS = 3 V
No. 4179-2/7
LB1832V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
–0.3 to +8.0
V
VS max
–0.3 to +8.0
V
Output applied voltage
VOUT
–0.3 to VS + VSF
V
Input applied voltage
VIN
–0.3 to +0.8
V
GND pin current
IGND
2.0
A
Pd max1
Independent IC
550
mW
Allowable power dissipation
Pd max2
Mounted on the specified printed circuit board
1000
mW
(40
× 30 × 1.5 mm3 glass epoxy)
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +150
°C
Parameter
Symbol
Conditions
Ratings
Unit
VE
VCC = VS; Using the same power supply
1.6 to 7.0
V
Supply voltage
VCC
Using separate power supplies for VCC and VS
2.5 to 7.0
V
VS
1.0 to 7.0
V
Input high-level voltage
VIH
1.6 to 7.0
V
Input low-level voltage
VIL
–0.3 to +0.4
V
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC0
Standby: ICC + IS
0.1
3
µA
Current drain
ICC1
ICC
3.5
5
mA
IS1
Forward/reverse: IS
65
85
mA
IS2
Brake: IS
60
80
mA
Output saturation voltage
VO (sat)1
IOUT = 500 mA (VCC = VS = 2 V)
0.3
0.4
V
(upper + lower)
VO (sat)2
IOUT = 1 A (VCC = VS = 2.2 V)
0.6
0.8
V
Variation in output applied voltage
IOUT = 500 mA
–20
0
+20
%
Sustainable output voltage
VO (SUS)
IOUT = 1 A
9
V
Input current
IIN
VIN = 5 V, VCC = 7 V
100
µA
[Spark killer diode]
Reverse current
IS (leak)
VCC, VS = 7 V
10
µA
Forward voltage
VSF
IOUT = 1 A
1.7
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com