Electronic Components Datasheet Search
  English  ▼

X  

LB1834 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1834
Description  Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1834 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1834 Datasheet HTML 1Page - Sanyo Semicon Device LB1834 Datasheet HTML 2Page - Sanyo Semicon Device LB1834 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics at Ta=25°C, VCC=VS=3V
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Supply current
ICC0
Standby ICC+IS
0.1
10
µA
ICC1
Forward/reverse ICC+IS
30
40
mA
ICC2
Brake ICC+IS
30
45
mA
Output saturation voltage
VO(sat)
IOUT=500mA
0.45
0.7
V
(upper+lower)
(each channel)
VO(sat)
IOUT=1A (VCC=VS=3.5V)
0.95
1.4
V
Output supply voltage variation
IO=500mA
–20
0
+20
%
Output sustain voltage
VO(sus)
IOUT=1A
9
V
Input current
IIN
VIN=2V, VCC=7V
100
µA
[Spark killer diode]
Reverse current
IS(leak)
VCC, VS=7V
10
µA
Forward current
VSF
IOUT=1A
1.7
V
Block Diagram
LB1634M
No.3517-2/3
Input
MI 0
MI 1
MI 1
OUT 1 OUT 2 OUT 3 BS 1/2
L
L
L
H
L
L
L
H
L
H
L
L
L
H
L
H
L
H
H
L
L
H
H
H
L
L
H
H
L
H
H
L
H
H
H
L
L
Output
Mode
Standby
ch1
Forward
Reverse
Brake
ch2
Forward
Reverse
Brake
Note) Use one of th FRAME-GND pins for grounding. When the
Cu-foild side is soldered, heat radiation can be more
improved.
Bland : OFF
Truth Table



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com