Electronic Components Datasheet Search
  English  ▼

X  

BAS40CW Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAS40CW
Description  SURFACE MOUNT SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS40CW Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAS40CW Datasheet HTML 1Page - Pan Jit International Inc. BAS40CW Datasheet HTML 2Page - Pan Jit International Inc. BAS40CW Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0.1-FEB.5.2009
BAS40W/AW/CW/SW
SURFACE MOUNT SCHOTTKY DIODES
VOLTAGE
40 Volts
0.2 Ampers
FEATURES
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
Electrical identical standard JEDEC
• High conductor
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Case: SOT-323, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.005 gram
CURRENT
SINGLE
COMMON CATHODE
SERIES
COMMON ANODE
ABSOLUTE RATINGS
THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SW
0
4
S
A
BW
A
0
4
S
A
BW
C
0
4
S
A
BW
S
0
4
S
A
BS
T
I
N
U
e
d
o
C
g
n
i
k
r
a
M
0
4
S2
4
S3
4
S4
4
S
e
g
a
t
l
o
V
e
s
r
e
v
e
RV R
0
4V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV RRM
0
4V
5
2
=
p
m
e
T
t
a
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
A
O CIF(AV)
2
.
0A
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
e
v
i
t
i
t
e
p
e
r
-
n
o
N
s
0
.
1
=
t
t
a
IFS M
6
.
0A
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SW
0
4
S
A
BW
A
0
4
S
A
BW
C
0
4
S
A
BW
S
0
4
S
A
BS
T
I
N
U
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
PP TOT
5
2
2W
m
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
t
n
e
i
b
m
A
R
θJA
6
5
5
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
JTJ
0
5
1
O C
5
2
=
p
m
e
T
t
a
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
O CTSTG
0
5
1
o
t
5
5
-
O C
e
r
u
g
i
F
t
i
u
c
r
i
C
E
L
G
N
I
S
N
O
M
M
O
C
E
D
O
N
A
N
O
M
M
O
C
E
D
O
H
T
A
C
S
E
I
R
E
S


Similar Part No. - BAS40CW

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BAS40CW WTE-BAS40CW Datasheet
59Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAS40CW PANJIT-BAS40CW Datasheet
56Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
logo
Won-Top Electronics
BAS40CW WTE-BAS40CW Datasheet
98Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
April, 2012
logo
Pan Jit International I...
BAS40CW-AU PANJIT-BAS40CW-AU Datasheet
256Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
January 14,2019-REV.00
BAS40CW-AU_R1_000A1 PANJIT-BAS40CW-AU_R1_000A1 Datasheet
256Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
January 14,2019-REV.00
More results

Similar Description - BAS40CW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB501V-40-AU PANJIT-RB501V-40-AU Datasheet
77Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54FN2-AU PANJIT-BAT54FN2-AU_17 Datasheet
137Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54WS-AU PANJIT-BAT54WS-AU_17 Datasheet
198Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100AS PANJIT-BAS100AS Datasheet
149Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100CS PANJIT-BAS100CS Datasheet
147Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com