Electronic Components Datasheet Search
  English  ▼

X  

BAS70ADW Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # BAS70ADW
Description  SURFACE MOUNT SCHOTTKY DIODE ARRAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS70ADW Datasheet(HTML) 4 Page - Pan Jit International Inc.

  BAS70ADW Datasheet HTML 1Page - Pan Jit International Inc. BAS70ADW Datasheet HTML 2Page - Pan Jit International Inc. BAS70ADW Datasheet HTML 3Page - Pan Jit International Inc. BAS70ADW Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.panjit.com
ORDERING INFORMATION
BAS70xxx T/R7 - 7" reel, 3K units per reel
BAS70xxx T/R13 - 13" reel, 10K units per reel
Copyright PanJit International, Inc 200
9
The inform ation presented in this docum ent is believed to be accurate and reliable. The specifications and inform ation
herein are subject to change without notice. Pan Jit m akes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or
systems. Pan Jit does not convey any license under its patent rights or rights of others.
PACKAGE LAYOUT AND SUGGESTED PAD DIMENSIONS
BAS70TW/ADW/CDW/SDW
9/1/2009
Page 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com