Electronic Components Datasheet Search
  English  ▼

X  

BAS70WS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAS70WS
Description  SURFACE MOUNT SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS70WS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAS70WS_09 Datasheet HTML 1Page - Pan Jit International Inc. BAS70WS_09 Datasheet HTML 2Page - Pan Jit International Inc. BAS70WS_09 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0.2-JUL.29.2009
BAS70WS
.078(1.95)
.038(.95)
.107(2.7)
.068(1.75)
.027(.70)
.090(2.3)
.012(.30)MIN.
SOD-323
Unit: inch (mm)
SURFACE MOUNT SCHOTTKY DIODES
VOLTAGE
70 Volts
0.2 Ampers
FEATURES
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
Electrical identical standard JEDEC
• High conductor
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: SOD-323, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.008 gram
• Marking: A70
CURRENT
ABSOLUTE RATINGS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
ti
n
U
e
g
a
tl
o
V
e
s
r
e
v
e
RV
R
0
7V
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
PV
M
R
R
0
7V
5
2
=
p
m
e
T
t
a
t
n
e
rr
u
C
d
e
if
it
c
e
R
e
g
a
r
e
v
A
O
CI
R
2
.
0A
m
s
0
.
1
=
t
t
a
t
n
e
rr
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
e
v
it
it
e
p
e
r-
n
o
NI
M
S
F
THERMAL CHARACTERISTICS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
SS
W
0
7
S
A
Bs
t
i
n
U
n
o
it
a
p
i
s
s
i
D
r
e
w
o
PP
T
O
T
5
2
2W
m
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
TR
θ A
J
6
5
5
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
0
5
1
O
C
5
2
=
p
m
e
T
t
a
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
O
CT
G
T
S
0
5
1
o
t
5
5
-
O
C
4
A


Similar Part No. - BAS70WS_09

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS70WS-AU PANJIT-BAS70WS-AU Datasheet
147Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS70WS-AU_R1_000A1 PANJIT-BAS70WS-AU_R1_000A1 Datasheet
147Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
logo
Jiangsu Changjiang Elec...
BAS70WS-SOD-323 JIANGSU-BAS70WS-SOD-323 Datasheet
297Kb / 3P
SCHOTTKY DIODE
logo
Won-Top Electronics
BAS70WS-T1 WTE-BAS70WS-T1 Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAS70WS-T1 WTE-BAS70WS-T1 Datasheet
94Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
October, 2018
More results

Similar Description - BAS70WS_09

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB501V-40-AU PANJIT-RB501V-40-AU Datasheet
77Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS70AW-AU PANJIT-BAS70AW-AU Datasheet
307Kb / 6P
SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54FN2-AU PANJIT-BAT54FN2-AU_17 Datasheet
137Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54WS-AU PANJIT-BAT54WS-AU_17 Datasheet
198Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100AS PANJIT-BAS100AS Datasheet
149Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100CS PANJIT-BAS100CS Datasheet
147Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com