Electronic Components Datasheet Search
  English  ▼

X  

BAS116 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BAS116
Description  SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS116 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BAS116 Datasheet HTML 1Page - Pan Jit International Inc. BAS116 Datasheet HTML 2Page - Pan Jit International Inc. BAS116 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-DEC.07.2007
BAS116/BAW156/BAV170/BAV199
Fig. 1-Reverse Leakage vs. Junction Temperature
Fig. 3- Total capacitance vs. Reverse Voltage
Fig. 2-Forward Current vs. Forward Voltage
Tj, Junction Temperature (Deg C)
V , Forward Voltage (V)
F
V , Reverse Voltage ( V)
R
0
0.001
0.01
0.1
1.0
10
50
100
150
200
V =75V
R
T =-25 C
A
O
T=25 C
A
O
T=125 C
A
O
0.2
0.1
1.0
10
100
1000
0.4
0.6
0.8
1.0
1.2
T=75 C
A
O
CHARACTERISTIC CURVES (each diode)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
20406080
100
ELECTRICAL CHARACTERISTICS (each diode) (TA=25OC, unless otherwise noted)
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C
t
s
e
T.
N
I
M.
P
Y
T.
X
A
Ms
t
i
n
U
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV (B R )
IR
0
0
1
=u A
5
7V
t
n
e
r
r
u
C
e
s
r
e
v
e
RI R
V R
5
7
=V
V R
5
7
=T
,
V
J
0
5
1
=
O C
2
0
0
.
0
0
.
8
5
0
8
A
n
e
g
a
t
l
o
V
d
r
a
w
r
o
FV F
IF
1
=m A
IF
0
1
=m A
IF
0
5
=m A
IF
0
5
1
=m A
9
.
0
0
.
1
1
.
1
5
2
.
1
V
e
c
n
a
t
i
c
a
p
a
C
l
a
t
o
TC
J
V R
0
=,
Vf
H
M
1
=
Z
0
.
2F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rt
r
r
IF
I
= R
0
1
=m
,
AR L
0
0
1
=
Ω
0
.
3s
u



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com