Electronic Components Datasheet Search
  English  ▼

X  

LB1840M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1840M
Description  Low-voltage/Low-saturation Bidirectional Variable Constant-voltage Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1840M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1840M Datasheet HTML 1Page - Sanyo Semicon Device LB1840M Datasheet HTML 2Page - Sanyo Semicon Device LB1840M Datasheet HTML 3Page - Sanyo Semicon Device LB1840M Datasheet HTML 4Page - Sanyo Semicon Device LB1840M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Truth Table
Input
Output
Mode
ENA
IN 1/2
VM
OUT 1/3
OUT 2/4
L
—
—
OFF
OFF
Standby
HLH
HL
Constant-voltage regulated
forward operation
HL
LHL
Saturated
forward operation
H
H
HLH
Constant-voltage regulated
reverse operation
HH
L
L
H
Saturated
reverse operation
The constant-voltage regulated output VO (= voltage between H side output and GND) is controlled by VO = 2.5 × VC. The output
is in the saturated state when the VC input range is 0.2 to 6 V and VO ^ VCC.
Pin Functions
Pin No.
Symbol
Equivalent Circuit Diagram
Pin Function
14
VCC
Power supply pin for output and controller.
9
12
GND
GND pins for output and controller.
Both must be grounded.
3
6
IN2
IN1
Input pins that determine the excitation of
the outputs.
IN1 control outputs OUT1 and OUT2;
IN2 control outputs OUT3 and OUT4.
L: –0.3 to +0.7 V or open
H: 3.0 to 9.0 V
There are no limitations on the magnitude
relationships between the VCC and VIN
supply voltages.
8
10
11
13
OUT4
OUT3
OUT1
OUT2
Output pins.
Have built-in spark killer diodes.
4
Vref
Reference voltage (= 2.0 V).
Continued on next page.
LB1840M
No.4996 -3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com