Electronic Components Datasheet Search
  English  ▼

X  

LB1840 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1840
Description  Low-voltage/Low-saturation Bidirectional Variable Constant-voltage Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1840 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1840 Datasheet HTML 1Page - Sanyo Semicon Device LB1840 Datasheet HTML 2Page - Sanyo Semicon Device LB1840 Datasheet HTML 3Page - Sanyo Semicon Device LB1840 Datasheet HTML 4Page - Sanyo Semicon Device LB1840 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics at Ta = 25 °C, VCC =6 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current
ICC0
During standby
0.1
10
µA
ICC1
During bidirectional operation (for two channels):
during control, load open
during saturation, load open
3.5
5.0
mA
ICC2
4.5
6.5
mA
Output saturation voltage
Vsat1
IO = 100 mA (upper side + lower side)
0.30
0.40
V
Vsat2
IO = 200 mA (upper side + lower side)
0.40
0.55
V
VOsat3
IO = 200 mA (lower side)
0.07
0.10
0.15
V
Reference voltage
Vref
IVref = 1 mA
1.85
2.0
2.15
V
Output voltage
voltage characteristics
∆VO
∆VCC
VO =5V,VCC = 5.5 to 9 V,
IO = 100 mA
20
mV
Output voltage
current characteristics
∆VO
∆IO
VO =5V,VCC =6V,
IO =10to100 mA
50
mV
Input current
IIN
VIN = 5 V
90
150
µA
IVM
VM = GND
210
300
µA
Output voltage
VO
Between OUT and GND
2.45
× VC
2.65
× VC
V
Equivalent Circuit Block Diagram
(For one channel)
Pin Assignment
Thermal
Reference
voltage
Logic predriver
Note: Both GND pins must be grounded.
Top view
LB1840M
No.4996 -2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com