Electronic Components Datasheet Search
  English  ▼

X  

LB1845 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1845
Description  PWM Current Control Stepping Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1845 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1845 Datasheet HTML 1Page - Sanyo Semicon Device LB1845 Datasheet HTML 2Page - Sanyo Semicon Device LB1845 Datasheet HTML 3Page - Sanyo Semicon Device LB1845 Datasheet HTML 4Page - Sanyo Semicon Device LB1845 Datasheet HTML 5Page - Sanyo Semicon Device LB1845 Datasheet HTML 6Page - Sanyo Semicon Device LB1845 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pin Functions
Timing chart for pin switching operations during PWM drive
Figure 1 Switching Waveforms
toff: Output off time. Determined by external capacitor and resistor Ct and Rt. (toff = Ct
× Rt)
td: Delay time between the point the set current is sensed at the SENSE pin and the point the output turns off.
No. 5505-4/7
LB1845
Pin no.
Pin
Function
1, 14
VBB
Output stage power-supply voltage
2
SENSE1
Set current detection pins.
13
SENSE2
Connect these pins, fed back through noise filters, to E1 and E2.
3
E1
The set current is controlled by the resistors Re inserted between these pins and ground.
12
E2
4, 11
D-GND
Internal diode anode connection
6
OUT 1B
Outputs
7
OUT 1A
8
OUT 2B
9
OUT 2A
15
GND
Ground
27
RC1
Used to set the output off time for the switched output signal.
16
RC2
The fixed off times are set by the capacitors and resistors connected to these pins. toff = CR.
26
VREF1
Output current settings
17
VREF2
The output current is determined by the voltage (in the range 1.5 to 7.5 V) input to these pins.
25
PHASE1
Output phase switching inputs.
18
PHASE2
High-level input: OUT A = high, OUT B = low
Low-level input: OUT A = low, OUT B = high
24
ENABLE1
Output on/off settings
19
ENABLE2
High-level input: output off
Low-level input: output on
22, 23
I01, I11
Digital inputs that set the output current
21, 20
I02, I12
The output currents can be set to 1/3, 2/3, or full by setting these pins to appropriate combinations of high and low levels.
28
VCC
Logic block power supply



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com