Electronic Components Datasheet Search
  English  ▼

X  

LB1846M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1846M
Description  Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1846M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1846M Datasheet HTML 1Page - Sanyo Semicon Device LB1846M Datasheet HTML 2Page - Sanyo Semicon Device LB1846M Datasheet HTML 3Page - Sanyo Semicon Device LB1846M Datasheet HTML 4Page - Sanyo Semicon Device LB1846M Datasheet HTML 5Page - Sanyo Semicon Device LB1846M Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
No. 5339-2/6
LB1846M, 1848M
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.5 to 7.5
V
Input high-level voltage
VIH
2.0 to 7.5
V
Input low-level voltage
VIL
–0.3 to +0.7
V
Allowable Operating Ranges at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[LB1846M]
Current drain
ICC0
IN1, 2, 3, 4 = 0 V
0.1
10
µA
ICC1
IN1, 3 = 3 V, IN2, 4 = 0 V
30
40
mA
VOUT1
VIN = 3 V or 0 V, VCC = 3 to 7.5 V,
0.27
0.4
V
Output saturation voltage
IOUT = 200 mA
VOUT2
VIN = 3 V or 0 V, VCC = 4 to 7.5 V,
0.55
0.8
V
IOUT = 400 mA
Input current
IIN
VIN = 5 V
150
200
µA
[Spark Killer Diode]
Reverse current
IS(leak)
30
µA
Forward voltage
VSF
IOUT = 400 mA
1.7
V
[LB1848M]
Current drain
ICC0
ENA = 0 V, VIN = 3 V or 0 V
0.1
10
µA
ICC1
ENA = 3 V, VIN = 3 V or 0 V
25
35
mA
VOUT1
ENA = 3 V, VIN = 3 V or 0 V,
0.27
0.4
V
Output saturation voltage
VCC = 3 to 7.5 V, IOUT = 200 mA
VOUT2
ENA = 3 V, VIN = 3 V or 0 V,
0.55
0.8
V
VCC = 4 to 7.5 V, IOUT = 400 mA
Input current 1
IIN
VIN = 5 V
75
100
µA
Input current 2
IENA
ENA = 5 V
85
110
µA
[Spark Killer Diode]
Reverse current
IS(leak)
30
µA
Forward voltage
VSF
IOUT = 400 mA
1.7
V
Electrical Characteristics at Ta = 25°C, VCC = 5.0 V
Pin Assignments
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
–0.3 to +8.0
V
Output voltage
VOUT
VCC + VSF
V
Input voltage
VIN
–0.3 to +8.0
V
Ground pin outflow current
IGND
Per channel
800
mA
Allowable power dissipation
Pd max1
Independent IC
350
mW
Pd max2
When mounted*
870
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Note: *On the specified circuit board (a 114.3
× 76.2 × 1.5-mm glass-epoxy printed circuit board)
Note: The thermal shutdown circuit function values are design guarantees, and are not tested.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com