Electronic Components Datasheet Search
  English  ▼

X  

BAW101V Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAW101V
Description  HIGH VOLTAGE DUAL SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAW101V Datasheet(HTML) 1 Page - Diodes Incorporated

  BAW101V Datasheet HTML 1Page - Diodes Incorporated BAW101V Datasheet HTML 2Page - Diodes Incorporated BAW101V Datasheet HTML 3Page - Diodes Incorporated BAW101V Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAW101V
Document number: DS32178 Rev. 4 - 2
1 of 4
www.diodes.com
September 2010
© Diodes Incorporated
BAW101V
HIGH VOLTAGE DUAL SWITCHING DIODE
Features
•
Fast Switching Speed: Maximum of 50ns
•
High Reverse Breakdown Voltage: 325V for Single Diode or
650V for Series Connection
•
Two Electrically Isolated Elements in a Single Compact Package
•
Low Leakage Current: Maximum of 50nA when VR = 5V or
Maximum of 150nA when VR = 250V at Room Temperature
•
Thermally Efficient Copper Alloy leadframe for High Power
Dissipation
•
Lead, Halogen and Antimony Free, RoHS Compliant (Note 3)
•
"Green" Device (Note 4)
Mechanical Data
•
Case: SOT-563
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 2
•
Ordering Information: See Page 2
•
Weight: 0.006 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
Single Diode
VRRM
325
650
V
Series Connection
Working Peak Reverse Voltage
DC Blocking Voltage
Single Diode
VRWM
VR
325
650
V
Series Connection
RMS Reverse Voltage
VR(RMS)
230
V
Forward Current (Note 2)
Single Diode Loaded
IF
250
140
mA
Double Diode Loaded
Non-Repetitive Peak Forward Surge Current @ t = 1.0
μs
IFSM
8.0
A
Repetitive Peak Forward Current @ t = 8.3ms (Note 2)
IFRM
3.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 2)
PD
500
mW
Thermal Resistance Junction to Ambient Air (Note 2)
RθJA
250
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
300
⎯
V
IR = 100μA
Forward Voltage
VF
⎯
1.1
V
IF = 100mA
Reverse Current (Note 1)
IR
⎯
⎯
⎯
50
150
50
nA
nA
μA
VR = 5V
VR = 250V
VR = 250V, TJ = 150°C
Total Capacitance
CT
⎯
2.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
⎯
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1. Short duration pulse test used to minimize self-heating effect.
2. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added lead. Halogen and Antimony Free.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
Top View
Bottom View
Device Schematic
12
3
65
4


Similar Part No. - BAW101V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAW101V DIODES-BAW101V_15 Datasheet
100Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
More results

Similar Description - BAW101V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS21SLT1G ONSEMI-BAS21SLT1G Datasheet
123Kb / 3P
Dual Series High Voltage Switching Diode
August, 2009 ??Rev. 5
logo
Diodes Incorporated
BAW101S DIODES-BAW101S Datasheet
97Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
DS32177 Rev. 4 - 2
MMBD5004S DIODES-MMBD5004S Datasheet
89Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
BAW101S DIODES-BAW101S_15 Datasheet
97Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
BAW101V DIODES-BAW101V_15 Datasheet
100Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
MMBD5004ACS DIODES-MMBD5004ACS_15 Datasheet
101Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
logo
NXP Semiconductors
BAS21PG PHILIPS-BAS21PG_15 Datasheet
250Kb / 13P
Dual isolated high-voltage switching diode
9 June 2015
logo
ON Semiconductor
BAS21SLT1G ONSEMI-BAS21SLT1G_16 Datasheet
99Kb / 3P
Dual Series High Voltage Switching Diode
October, 2016 ??Rev. 7
logo
Diodes Incorporated
MMBD5004A DIODES-MMBD5004A Datasheet
284Kb / 5P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
logo
Yangzhou yangjie electr...
BAV23AQ YANGJIE-BAV23AQ Datasheet
311Kb / 4P
Dual High-voltage Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com