Electronic Components Datasheet Search
  English  ▼

X  

BC849 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BC849
Description  NPN GENERAL PURPOSE TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC849 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BC849 Datasheet HTML 1Page - Pan Jit International Inc. BC849 Datasheet HTML 2Page - Pan Jit International Inc. BC849 Datasheet HTML 3Page - Pan Jit International Inc. BC849 Datasheet HTML 4Page - Pan Jit International Inc. BC849 Datasheet HTML 5Page - Pan Jit International Inc. BC849 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
REV.0.3-FEB.10.2009
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Sn
o
it
i
d
n
o
C
t
s
e
T.
N
I
M.
P
Y
T.
X
A
Ms
t
i
n
U
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
B
/
A
6
4
8
C
B
C
/
B
0
5
8
C
B
,
C
/
B
/
A
7
4
8
C
B
C
/
B
9
4
8
C
B
,
C
/
B
/
A
8
4
8
C
B
V (BR)
O
E
C0
=
B
I
,
A
IC=1.0m
5
6
5
4
0
3
--
V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
r
o
t
c
e
ll
o
C
B
/
A
6
4
8
C
B
C
/
B
0
5
8
C
B
,
C
/
B
/
A
7
4
8
C
B
C
/
B
9
4
8
C
B
,
C
/
B
/
A
8
4
8
C
B
V (BR)
O
B
C0
=
E
I
,
A
u
0
1
=
C
I
0
8
0
5
0
3
--
V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
r
e
t
t
i
m
E
B
/
A
6
4
8
C
B
C
/
B
0
5
8
C
B
,
C
/
B
/
A
7
4
8
C
B
C
/
B
9
4
8
C
B
,
C
/
B
/
A
8
4
8
C
B
V (BR)
O
B
E0
=
C
I
,
A
u
0
1
=
E
I
0
.
6
0
.
6
0
.
5
--
V
t
n
e
r
r
u
C
f
f
o
t
u
C
e
s
a
B
-
r
e
t
t
i
m
E
IEBO
5
=
B
E
V-
-
0
0
1A
n
t
n
e
r
r
u
C
f
f
o
t
u
C
e
s
a
B
-
r
o
t
c
e
ll
o
C
ICBO
0
=
E
I
,
V
0
3
=
B
C
V
T
,
0
=
E
I
,
V
0
3
=
B
C
V
J
0
5
1
=
O C
--
5
1
0
.
5
A
n
A
u
n
i
a
G
t
n
e
r
r
u
C
C
D
"
A
"
x
if
f
u
S
8
4
8
C
B
~
6
4
8
C
B
"
B
"
x
if
f
u
S
0
5
8
C
B
~
6
4
8
C
B
"
C
"
x
if
f
u
S
0
5
8
C
B
~
7
4
8
C
B
h
E
F
V
5
=
E
C
V
,
A
u
0
1
=
C
I-
0
9
0
5
1
0
7
2
--
n
i
a
G
t
n
e
r
r
u
C
C
D
"
A
"
x
if
f
u
S
8
4
8
C
B
~
6
4
8
C
B
"
B
"
x
if
f
u
S
0
5
8
C
B
~
6
4
8
C
B
"
C
"
x
if
f
u
S
0
5
8
C
B
~
7
4
8
C
B
h
E
F
V
5
=
E
C
V
,
A
m
0
.
2
=
C
I
0
1
1
0
0
2
0
2
4
0
8
1
0
9
2
0
2
5
0
2
2
0
5
4
0
0
8
-
e
g
a
tl
o
V
n
o
it
a
r
u
t
a
S
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
V C E(SAT)
A
m
5
.
0
=
B
I
,
A
m
0
1
=
C
I
A
m
0
.
5
=
B
I
,
A
m
0
0
1
=
C
I
--
5
2
.
0
6
.
0
V
e
g
a
tl
o
V
n
o
it
a
r
u
t
a
S
r
e
t
t
i
m
E
-
e
s
a
B
V B E (SAT)
A
m
5
.
0
=
B
I
,
A
m
0
1
=
C
I
A
m
0
.
5
=
B
I
,
A
m
0
0
1
=
C
I
-
7
.
0
9
.
0
-V
e
g
a
tl
o
V
r
e
t
t
i
m
E
-
e
s
a
B
V BE(SAT)
V
0
.
5
=
E
C
V
,
A
m
2
=
C
I
V
0
.
5
=
E
C
V
,
A
m
0
1
=
C
I
8
5
.
0
-
0
6
6
.
0
-
0
7
.
0
7
7
.
0
V
e
c
n
a
t
i
c
a
p
a
C
e
s
a
B
-
r
o
t
c
e
ll
o
C
C CBO
H
M
1
=
f
,
0
=
E
I
,
V
0
1
=
B
C
V-
-
5
.
4F
p
ELECTRICAL CHARACTERISTICS
BC846,BC847,BC848,BC849,BC850 SERIES
NPN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com