Electronic Components Datasheet Search
  English  ▼

X  

BC856AW Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BC856AW
Description  PNP GENERAL PURPOSE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC856AW Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BC856AW Datasheet HTML 1Page - Pan Jit International Inc. BC856AW Datasheet HTML 2Page - Pan Jit International Inc. BC856AW Datasheet HTML 3Page - Pan Jit International Inc. BC856AW Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
December 17,2010-REV.00
BC856AW ~ BC859CW
ELECTRICAL CHARACTERISTICS (T
J=25
OC, unless otherwise noted)
PA RA M E TE R
S ym b o l
M IN.
TYP.
M A X .
Uni t s
C o lle c t or - E m i t t e r B r eak down Vo lt a g e
(I
C = - 10m A , IB =0 )
B C 856AW,B W
B C 857AW / B W /C W,
B C 858AW / B W /C W, B C 859B W / C W
V
(B R ) CE O
-65
-45
-30
--
V
C o lle c t or - B a s e B r eakdown Vo lt age
(I
C =- 1 0 μ A, IE =0 )
B C 856AW,B W
B C 857AW / B W /C W,
B C 858AW / B W /C W, B C 859B W / C W
V
(B R ) CB O
-80
-50
-30
--
V
E m i tt e r - B a s e B r eakdo w n Vo lt age
(I
E =- 1 u A , IC =0 )
V
(B R ) EBO
- 5 .0
-
-
V
E m i tte r - B a s e C uto ff C ur r e nt
(V
EB =- 5 V )
I
EB O
-
-
- 100
nA
C o lle c t or - B as e C uto f f C ur r ent
(V
CB = - 30V , IE =0 )
T
J =2 5
OC
T
J = 150
OC
I
CB O
--
-1 5
-4 .0
nA
μA
DC Cur r e nt G a in
(I
C =- 1 0 μ A, V CE =- 5 V )
B C 856~ B C 858 S uff i x " AW "
B C 856~ B C 859 S uff i x " B W "
B C 857~ B C 859 S uff i x " C W "
h
FE
-
90
150
270
--
DC Cur r e nt G a in
(I
C = - 2. 0m A , V CE =- 5 V )
B C 856~ B C 858 S uff i x " AW "
B C 856~ B C 859 S uff i x " B W "
B C 857~ B C 859 S uff i x " C W "
h
FE
11 0
200
420
180
290
520
220
450
800
-
C o lle c t or - E m i t t e r S a tur a t i on Vo ltage
(I
C = - 10m A , IB = - 0. 5m A )
(I
C = - 100m A , IB = - 5. 0m A )
V
CE (S AT)
-
-
-
-
-0 .3
-0 .6 5
V
B a s e - E m i tte r S a tura ti o n Vo lt a g e
(I
C = - 10m A , IB = - 0. 5m A )
(I
C = - 100m A , IB = - 5. 0m A )
V
BE (S AT)
-
-
-0 .7
-0 .9
-
-
V
B a s e - E m i tt e r Vo ltage
(I
C =- 2 m A , V CE = - 5. 0V )
(I
C = - 10m A , V CE = - 5. 0V )
V
BE ( ON )
-0 .6 0
-
-
-
-0 .7 5
-0 .8 2
V
C o lle c t or - B a s e C apac i tance
( V
CB = - 10V , IE = 0 , f= 1 M H Z)C CB
--
4 .5
p F
C ur r e nt- Gai n- B a nd wi dth P r oduc t
(I
C = - 10m A , V CE = - 5. 0V , f = 100M H Z)
F.
-
200
-
M H
Z
THERMAL CHARACTERISTICS
Note 1: Transistor mounted on FR-5 board 1.0 x 0.75 x 0.062 in.
PARAMETER
SYMBOL
Value
UNIT
Thermal Resistance
RθJA
RθJC
400
100
OC/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com