Electronic Components Datasheet Search
  English  ▼

X  

LB1854 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1854
Description  Three-Phase Brushless Motor Driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1854 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1854 Datasheet HTML 1Page - Sanyo Semicon Device LB1854 Datasheet HTML 2Page - Sanyo Semicon Device LB1854 Datasheet HTML 3Page - Sanyo Semicon Device LB1854 Datasheet HTML 4Page - Sanyo Semicon Device LB1854 Datasheet HTML 5Page - Sanyo Semicon Device LB1854 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
No. 4476-2/6
LB1854M
Electrical Characteristics at Ta = 25°C, VCC1 = 12 V, VCC2 = 5 V
Note: * Items marked with an asterisk are design target values and are not measured.
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain
ICC1
VC = 0 V, RL = ∞
17
30
mA
ICC2
VC = 0 V
6.5
9.5
mA
[Drive Block]
Output saturation voltage
VO (sat) 1
IOUT = 0.5 A, sink + source
1.6
2.2
V
VO (sat) 2
IOUT = 1.0 A, sink + source
2.0
3.0
V
Output TRS breakdown voltage
VO (sus)
IOUT = 20 mA*
20
V
Output resting potential
VOQ
VC = 0 V
5.7
6.0
6.3
V
Hall amplifier input offset voltage
VH offset
–5
+5
mV
Hall amplifier input bias current
IH bias
1
5
µA
Hall amplifier common mode
V
H ch
1.3
2.2
V
input voltage range
Hall input/output voltage gain
GVHO
43
46
49
dB
[Control Block]
Control output drive gain
GVCO1
High gain
37
40
43
dB
GVCO2
Low gain
31
34
37
dB
Control output CH difference
∆GVCO
–2
+2
dB
Control start voltage
VCTH
When VOUTp-p = 2 V
2.5
V
Gain control switching high level
4
5
V
Gain control switching
Middle level when the input is open
2
3
V
middle level
Gain control switching low level
0
1
V
[FG Amplifier]
FG amplifier input offset voltage
VFG offset
–8
+8
mV
Open-loop voltage gain
GVFG
f = 1 kHz
60
dB
Source output saturation voltage
VFG OU
IO = 2 mA
37
V
Sink output saturation voltage
VFG OD
IO = –2 mA
1.3
V
Common-mode signal
CHR
*
80
dB
rejection ratio
FG amplifier common-mode
V
FG CH
0
3.5
V
input voltage range
Phase margin
*
20
Deg
Schmitt hysteresis
∆Vsh1
FGOUT2: High to low
22
mV
∆Vsh2
FGOUT2: Low to high
22
mV
Schmitt input voltage range
VshCH
0.7
3.5
V
[Thermal Shutdown]
Operating temperature
TSD
*
150
180
210
°C
Hysteresis
∆TSD
*
15
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com