Electronic Components Datasheet Search
  English  ▼

X  

DSS2540M Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DSS2540M
Description  40V LOW VCE(sat) NPN SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSS2540M Datasheet(HTML) 2 Page - Diodes Incorporated

  DSS2540M Datasheet HTML 1Page - Diodes Incorporated DSS2540M Datasheet HTML 2Page - Diodes Incorporated DSS2540M Datasheet HTML 3Page - Diodes Incorporated DSS2540M Datasheet HTML 4Page - Diodes Incorporated DSS2540M Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DSS2540M
Document number: DS31820 Rev. 3 - 2
2 of 5
www.diodes.com
January 2011
© Diodes Incorporated
DSS2540M
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6
V
Collector Current - Continuous
IC
500
mA
Peak Pulse Collector Current
ICM
1
A
Peak Base Current
IBM
100
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4) @ TA = 25°C
PD
250
mW
Thermal Resistance, Junction to Ambient (Note 4) @ TA = 25°C
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
4. Device mounted on FR-4 PCB with minimum recommended pad layout.
0.000001
0.0001
0.001
0.01
0.1
1
10
100
1,000
10,000
Fig. 1 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.00001
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) *
θJA
R
R
= 500°C/W
θ
θ
JA
JA
P(pk)
t1
t2
D = 0.7
D = 0.5
D = 0.3
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.1
0.1
1
10
100
1,000
1E-06
0.0001
0.01
1
100
10,000
Fig. 2 Single Pulse Maximum Power Dissipation
t , PULSE DURATION TIME (s)
1
Single Pulse
T - T = P * R
(t)
JA
JA
θ
R
(t) = r(t) *
θJA
R
R
= 500°C/W
θ
θ
JA
JA
0
50
100
150
200
T , AMBIENT TEMPERATURE ( C)
A
°
Fig. 3 Power Dissipation vs. Ambient Temperature (Note 4)
0
0.05
0.10
0.15
0.30
0.20
0.25
R
= 500°C/W
θJA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com