Electronic Components Datasheet Search
  English  ▼

X  

BD890CS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BD890CS
Description  DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BD890CS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BD890CS Datasheet HTML 1Page - Pan Jit International Inc. BD890CS Datasheet HTML 2Page - Pan Jit International Inc. BD890CS Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-APR.30.2009
BD840CS~BD8200CS
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Low power loss, High efficiency
• High surge capacity
• In compliance with EU RoHS 2002/95/EC directives
DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
40 to 200 Volts
CURRENT
8 Ampere
MECHANICALDATA
• Case: TO-252 molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: As marking
• Standard packaging: 16mm tape (EIA-481)
• Weight: 0.0104 ounces, 0.297grams.
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
S
C
0
4
8
D
BS
C
5
4
8
D
BS
C
0
5
8
D
BS
C
0
6
8
D
BS
C
0
8
8
D
BS
C
0
9
8
D
BS
C
0
0
1
8
D
BS
C
0
5
1
8
D
BS
C
0
0
2
8
D
B
S
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
MV
M
R
R
0
45
40
50
60
80
90
0
10
5
10
0
2V
e
g
a
tl
o
V
S
M
R
m
u
m
i
x
a
MV
S
M
R
8
25
.
1
35
32
46
53
60
75
0
10
4
1V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
MV
C
D
0
45
40
50
60
80
90
0
10
5
10
0
2V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M)
1
e
r
u
g
i
F
e
e
S
(I
)
V
A
(
F
8A
e
v
a
w
-
e
n
i
s
fl
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
5
8A
A
0
.
4
t
a
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
MV
F
0
7
.
05
7
.
00
8
.
00
9
.
0V
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
O C
T
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
J
0
0
1
=
O C
I
R
5
0
.
0
0
2
A
m
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
Te
Rθ
C
J
5
O
W
/
C
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
Oe
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
e
g
n
a
R
T
J T
,
T
SG
0
5
1
+
o
t
5
5
-
5
7
1
+
o
t
5
6
-
O C
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Resistive or inductive load.


Similar Part No. - BD890CS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BD890CT PANJIT-BD890CT Datasheet
46Kb / 2P
THROUGH HOLE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - BD890CS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD1020YS PANJIT-SD1020YS Datasheet
35Kb / 2P
DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SB620DC TRSYS-SB620DC Datasheet
167Kb / 2P
DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SD1020CS WTE-SD1020CS Datasheet
46Kb / 3P
10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020S WTE-SD1020S Datasheet
44Kb / 3P
10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020YS WTE-SD1020YS Datasheet
46Kb / 3P
10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD320YS WTE-SD320YS Datasheet
45Kb / 3P
3.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD520YS WTE-SD520YS Datasheet
45Kb / 3P
5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD620CS WTE-SD620CS Datasheet
45Kb / 3P
6.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
BD840S PANJIT-BD840S Datasheet
123Kb / 3P
DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD840YS PANJIT-BD840YS Datasheet
88Kb / 2P
DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com