Electronic Components Datasheet Search
  English  ▼

X  

LB1863M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1863M
Description  Two-Phase Unipolar Brushless Motor Driver Automatic Recovery Type Circuit in a Miniature Flat Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1863M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1863M Datasheet HTML 1Page - Sanyo Semicon Device LB1863M Datasheet HTML 2Page - Sanyo Semicon Device LB1863M Datasheet HTML 3Page - Sanyo Semicon Device LB1863M Datasheet HTML 4Page - Sanyo Semicon Device LB1863M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Overview
The LB1863M and LB1869 (LB1669M) are 2-phase
unipolar brushless motor drivers that are provided in a
miniature flat package that contributes to end product
miniaturization and supports automatic mounting. These
products support the implementation of motor drive lock
protection and automatic recovery circuits, and alarm
specifications with a minimal number of external
components.
Features and Functions
• Hall elements can be connected directly to the IC itself.
• 1.5-A output current output transistors built in
• Rotation detection function that provides a low-level
output during motor drive and a high-level output when
the motor is stopped
• Motor lock protection and automatic recovery functions
built in
• Thermal shutdown circuit
• Switching noise can be reduced with an external ceramic
capacitor.
Classification
Package Dimensions
unit: mm
3111-MFP14S
Monolithic Digital IC
Ordering number : N4943
13097HA (OT) No. 4943-1/5
SANYO: MFP14S
[LB1863M, 1869M]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Two-Phase Unipolar Brushless Motor Driver
Automatic Recovery Type Circuit in a Miniature Flat Package
LB1863M, 1869M
Package
MFP-10S
MFP-14S
System voltage
12 V
LB1669M
LB1869M*
24 V
LB1863M*
Note: * The LB1869M and LB1863M are pin compatible
so that the same printed circuit board can be
used for both 12 V and 24 V products.
Parameter
Symbol
Conditions
Ratings
Unit
Maximum input current
ICC max
t
≤ 20 ms
200
mA
Output voltage
VOUT
LB1863M
–0.3 to +85
V
LB1869M
–0.3 to +60
V
Output current
IOUT
1.5
A
RD influx current
IRD
10
mA
RD voltage
VRD
30
V
Allowable power dissipation
Pd max
When mounted (on a 20
× 15 × 1.5-mm3 glass-epoxy printed circuit board)
800
mW
Operating temperature
Topr
–30 to +80
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C


Similar Part No. - LB1863M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1863M SANYO-LB1863M Datasheet
151Kb / 6P
Two-Phase Unipolar Brushless Motor Driver Automatic Recovery Type Circuit in a Miniature Flat Package
logo
ON Semiconductor
LB1863M ONSEMI-LB1863M Datasheet
163Kb / 7P
Two-Phase Brushless Motor Driver
August 2014 - Rev. 0
LB1863M ONSEMI-LB1863M Datasheet
234Kb / 9P
Two?륯hase Brushless Motor Driver
February, 2018 ??Rev. 2
LB1863M-MPB-E ONSEMI-LB1863M-MPB-E Datasheet
163Kb / 7P
Two-Phase Brushless Motor Driver
August 2014 - Rev. 0
LB1863M-MPB-E ONSEMI-LB1863M-MPB-E Datasheet
234Kb / 9P
Two?륯hase Brushless Motor Driver
February, 2018 ??Rev. 2
More results

Similar Description - LB1863M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1668 SANYO-LB1668 Datasheet
128Kb / 7P
Two-Phase Unipolar Drive Brushless Motor Drivers
LB1669 SANYO-LB1669 Datasheet
69Kb / 5P
2-Phase Unipolar Brushless Motor Driver
logo
New Japan Radio
NJM2641 NJRC-NJM2641 Datasheet
51Kb / 3P
Two-phase Unipolar DC Brushless Motor Pre-Driver IC
NJM2640 NJRC-NJM2640 Datasheet
65Kb / 7P
Two-phase Unipolar DC Brushless Motor Pre-Driver IC
logo
Ceramate Technical
CMD1668 CERAMATE-CMD1668 Datasheet
369Kb / 9P
Two-Phase Unipolar Drive Brushless Motor Drivers
logo
Sanyo Semicon Device
LB1668 SANYO-LB1668_09 Datasheet
212Kb / 8P
Two-Phase Unipolar Drive Brushless Motor Drivers
LB1863M SANYO-LB1863M_09 Datasheet
151Kb / 6P
Two-Phase Unipolar Brushless Motor Driver Automatic Recovery Type Circuit in a Miniature Flat Package
logo
Unisonic Technologies
UM2640 UTC-UM2640 Datasheet
202Kb / 8P
TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
UM2640 UTC-UM2640_15 Datasheet
202Kb / 8P
TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
UM2640 UTC-UM2640_17 Datasheet
193Kb / 8P
TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com