Electronic Components Datasheet Search
  English  ▼

X  

FCX495 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FCX495
Description  SOT89 NPN silicon planar high voltage transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX495 Datasheet(HTML) 1 Page - Diodes Incorporated

  FCX495 Datasheet HTML 1Page - Diodes Incorporated FCX495 Datasheet HTML 2Page - Diodes Incorporated FCX495 Datasheet HTML 3Page - Diodes Incorporated FCX495 Datasheet HTML 4Page - Diodes Incorporated FCX495 Datasheet HTML 5Page - Diodes Incorporated FCX495 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Issue 4 - May 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
FCX495
SOT89 NPN silicon planar high voltage transistor
Features
•
150 Volt VCEO
•
1 Amp continuous current
Device marking
N95
Absolute maximum ratings
Electrical characteristics (at Tamb = 25°C)
Parameter
Symbol
Value
Unit
Collector-base voltage
VCBO
170
V
Collector-emitter voltage
VCEO
150
V
Emitter-base voltage
VEBO
5
V
Continuous collector current
I
C
1
A
Peak pulse current
I
CM
2
A
Base current
IB
200
mA
Power dissipation at Tamb = 25°C
Ptot
1
W
Operating and storage temperature range
Tj:Tstg
-65 to +150
°C
Parameter
Symbol
Min.
Max.
Unit
Conditions
Breakdown voltages
V(BR)CBO
170
V
IC=100µA
VCEO(sus)
150
V
IC=10mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width = 300 s. Duty cycle
2%
V(BR)EBO
5
V
IE=100µA
Collector cut-off currents
ICBO, ICES
100
nA
VCB=150V, VCE=150V
Emitter cut-off current
IEBO
100
nA
VEB=4V
Emitter saturation voltages
VCE(sat)
0.2
V
IC=250mA, IB=25mA(*)
0.3
V
IC=500mA, IB=50mA(*)
VBE(sat)
1.0
V
IC=500mA, IB=50mA(*)
Base-emitter turn on voltage
VBE(on)
1.0
V
IC=500mA, VCE=10V(*)
Static forward current transfer
ratio
hFE
100
300
IC=1mA, VCE=10V
100
IC=250mA, VCE=10V(*)
50
IC=500mA, VCE=10V(*)
10
IC=1A, VCE=10V(*)
Transition frequency
fT
100
MHz
IC=50mA, VCE=10V
f=100MHz
Collector-base breakdown voltage
Cobo
10
pF
VCB=10V, f=1MHz
C
E
Pinout - top view
C
B


Similar Part No. - FCX495

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX495 ZETEX-FCX495 Datasheet
16Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX495 ZETEX-FCX495 Datasheet
275Kb / 6P
SOT89 NPN silicon planar high voltage transistor
logo
Diodes Incorporated
FCX495 DIODES-FCX495 Datasheet
475Kb / 6P
150V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
FCX495-13R DIODES-FCX495-13R Datasheet
475Kb / 6P
150V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
FCX495TA DIODES-FCX495TA Datasheet
475Kb / 6P
150V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
More results

Similar Description - FCX495

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BFN16 ZETEX-BFN16 Datasheet
17Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BFN18 ZETEX-BFN18 Datasheet
16Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST40 ZETEX-BST40 Datasheet
15Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX495 ZETEX-FCX495_07 Datasheet
275Kb / 6P
SOT89 NPN silicon planar high voltage transistor
FCX593 ZETEX-FCX593_06 Datasheet
415Kb / 6P
SOT89 Silicon planar high voltage transistor
logo
Diodes Incorporated
FCX593 DIODES-FCX593 Datasheet
255Kb / 6P
SOT89 Silicon planar high voltage transistor
November 2006
SXTA42 DIODES-SXTA42 Datasheet
31Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
JANUARY 1996
FCX458TA DIODES-FCX458TA Datasheet
25Kb / 2P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
OCTOBER 1995
BST39TA DIODES-BST39TA Datasheet
32Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
JUNE 1996
SXTA42 DIODES-SXTA42_15 Datasheet
31Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
JANUARY 1996
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com