Electronic Components Datasheet Search
  English  ▼

X  

P89 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # P89
Description  SOT89 PNP SILICON PLANAR MEDIUM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

P89 Datasheet(HTML) 1 Page - Diodes Incorporated

  P89 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 PNP SILICON PLANAR MEDIUM
POWER HIGH PERFORMANCE TRANSISTOR
ISSUE 3 - OCTOBER 1995
7
PARTMARKING DETAIL –
P89
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Base Current
IB
-200
mA
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
PARAMETER
SYMBOL MIN.
MAX.
UNIT
CONDITIONS.
Breakdown Voltages
V(BR)CBO
-50
V
IC=-100µA
V(BR)CEO
-30
V
IC=-10mA*
V(BR)EBO
-5
V
IE=-100µA
Collector Cut-Off Current
ICBO
-100
nA
VCB=-30V
Collector -Emitter Cut-Off
Current
ICES
-100
nA
VCES=-30V
Emitter Cut-Off Current
IEBO
-100
nA
VEB=-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.35
-0.65
VIC=-1A, IB=-100mA*
IC=-2A, IB=-200mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1.2
V
IC=-1A, IB=-100mA*
Base-Emitter
Turn-on Voltage
VBE(on)
-1.1
V
IC=-1A, VCE=-2V*
Static Forward Current Transfer
Ratio
hFE
100
100
80
40
300
IC=-1mA, VCE=-2V*
IC=-500mA, VCE=-2V*
IC=-1A, VCE=-2V*
IC=-2A, VCE=-2V*
Transition Frequency
fT
100
MHz
IC=-100mA, VCE=-5V
f=100MHz
Output Capacitance
Cobo
15
pF
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
For typical Characteristics graphs see FMMT549 datasheet
FCX589
C
B
C
E
3 - 91


Similar Part No. - P89

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P8900 RENESAS-P8900 Datasheet
157Kb / 2P
PMIC for DDR5 Memory Modules
January 30, 2020
logo
Aplus Intergrated Circu...
P89010 APLUS-P89010 Datasheet
236Kb / 18P
VOICE OTP IC
P89021 APLUS-P89021 Datasheet
236Kb / 18P
VOICE OTP IC
P89042 APLUS-P89042 Datasheet
245Kb / 19P
VOICE OTP IC
logo
Diodes Incorporated
P8908 DIODES-P8908 Datasheet
612Kb / 13P
25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
Rev 2
More results

Similar Description - P89

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX53-16 ZETEX-BCX53-16 Datasheet
28Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
BSR31 ZETEX-BSR31 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
FCX591 DIODES-FCX591 Datasheet
40Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM
NOVEMBER 1995
BCX51 DIODES-BCX51 Datasheet
132Kb / 7P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Rev 2
logo
List of Unclassifed Man...
FCX591TA ETC-FCX591TA Datasheet
40Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
BCX6925TA ETC2-BCX6925TA Datasheet
243Kb / 1P
SOT89 PNP SILICON PLANAR
logo
Diodes Incorporated
BCX69 DIODES-BCX69_15 Datasheet
22Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FEBRUARY 1995
FCX589 DIODES-FCX589_15 Datasheet
33Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
OCTOBER 1995
BSR30 DIODES-BSR30 Datasheet
26Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
JUNE 1996
BSR31 DIODES-BSR31 Datasheet
27Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com