Electronic Components Datasheet Search
  English  ▼

X  

FCX593 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FCX593
Description  SOT89 Silicon planar high voltage transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX593 Datasheet(HTML) 1 Page - Diodes Incorporated

  FCX593 Datasheet HTML 1Page - Diodes Incorporated FCX593 Datasheet HTML 2Page - Diodes Incorporated FCX593 Datasheet HTML 3Page - Diodes Incorporated FCX593 Datasheet HTML 4Page - Diodes Incorporated FCX593 Datasheet HTML 5Page - Diodes Incorporated FCX593 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Issue 4 - November 2006
1
www.zetex.com
© Zetex Semiconductors plc 2006
FCX593
SOT89 Silicon planar high voltage transistor
Complementary part number - FMMT493
Device marking - P93
Absolute maximum ratings
Parameter
Symbol
Limit
Unit
Collector-base voltage
VCBO
-120
V
Collector-emitter voltage
VCEO
-100
V
Emitter-base voltage
VEBO
-5
V
Peak pulse current
ICM
-2
A
Continuous collector current
IC
-1
A
Base current
IB
-200
mA
Power dissipation at Tamb =25°CPtot
1W
Operating and storage temperature range
Tj, Tstg
-65 to +150
°C
C
E
B
C
E
Pinout - top view
C
B


Similar Part No. - FCX593

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX593 ZETEX-FCX593 Datasheet
20Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX593 ZETEX-FCX593 Datasheet
415Kb / 6P
SOT89 Silicon planar high voltage transistor
logo
Dongguan Pingjingsemi T...
FCX593 PJSEMI-FCX593 Datasheet
1Mb / 4P
PNP Transistor
logo
Zetex Semiconductors
FCX593 ZETEX-FCX593_06 Datasheet
415Kb / 6P
SOT89 Silicon planar high voltage transistor
logo
Diodes Incorporated
FCX593 DIODES-FCX593_15 Datasheet
453Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
More results

Similar Description - FCX593

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BFN16 ZETEX-BFN16 Datasheet
17Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BFN17 ZETEX-BFN17 Datasheet
17Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST15 ZETEX-BST15 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST40 ZETEX-BST40 Datasheet
15Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX593 ZETEX-FCX593_06 Datasheet
415Kb / 6P
SOT89 Silicon planar high voltage transistor
FCX596 ZETEX-FCX596_06 Datasheet
790Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
BST39TA DIODES-BST39TA Datasheet
32Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
JUNE 1996
logo
Fairchild Semiconductor
FCX596TA FAIRCHILD-FCX596TA Datasheet
711Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FCX596 DIODES-FCX596_15 Datasheet
711Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 2006
SXTA42 DIODES-SXTA42_15 Datasheet
31Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
JANUARY 1996
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com