Electronic Components Datasheet Search
  English  ▼

X  

DI101 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # DI101
Description  DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

DI101 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  DI101 Datasheet HTML 1Page - Pan Jit International Inc. DI101 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-MAR.02.2006
• Plastic material used carries Underwriters
Laboratory recognition 94V-O
• Low leakage
• Surge overload rating-- 30 amperes peak
• Ideal for printed circuit board
• Exceeds environmental standards of MIL-S-19500/228
• Pb free product are available : 99% Sn above can meet RoHS environment
substance directive request
MECHANICALDATA
Case: Reliable low cost construction utilizing molded plastic technique results in
inexpensive product
Terminals: Lead solderable per MIL-STD-750, Method 2026
Polarity: Polarity symbols molded or marking on body
Mounting Position: Any
Weight: 0.02 ounce, 0.4 gram
DI100~DI1010
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.Single phase, half wave, 60Hz, Resistive or inductive load.
For capacitive load, derate current by 20%
NOTES:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.5 X 0.5"(13 X 13mm) copper pads
DATA SHEET
DIP
Unit : inch (mm)
.335(8.51)
.045(1.14)
.022(0.56)
.075(1.90)
.205(5.2)
.195(5.0)
.316(8.05)
.035(0.89)
.018(0.46)
.055(1.39)
FEATURES
Recongnized File #E111753
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S0
0
1
I
D1
0
1
I
D2
0
1
I
D4
0
1
I
D6
0
1
I
D8
0
1
I
D0
1
0
1
I
DS
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V RRM
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
e
g
a
t
l
o
V
t
u
p
n
I
e
g
d
i
r
B
S
M
R
m
u
m
i
x
a
M
V RMS
5
30
70
4
10
8
20
2
40
6
50
0
7V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V DC
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
T
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
A
0
4
=
OCIAV
0
.
1A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
IFS M
0
3A
I2
)
s
m
5
3
.
8
<
t
(
g
n
i
s
u
f
r
o
f
g
n
i
t
a
R
t
I2t5
3
7
.
3A 2t
A
0
.
1
t
a
t
n
e
m
e
l
E
e
g
d
i
r
B
r
e
p
p
o
r
D
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V F
1
.
1V
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
OC
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
J
5
2
1
=
OC
IR
0
.
5
0
0
5
A
u
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
J
l
a
c
i
p
y
T
C J
5
2F
p
)
2
e
t
o
N
(
(
g
e
l
r
e
p
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
R
θ A
J
R
θ L
J
0
4
5
1
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
s
n
u
J
g
n
i
t
a
r
e
p
O
TJ,TSTG
0
5
1
+
o
t
5
5
-
OC
VOLTAGE
50 to 1000 Volts
1.0 Amperes
CURRENT


Similar Part No. - DI101

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
DI101 PANJIT-DI101 Datasheet
56Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0~1.5 Amperes)
logo
Transys Electronics
DI101 TRSYS-DI101 Datasheet
154Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Formosa MS
DI101 FORMOSA-DI101 Datasheet
62Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
DI101 ETC1-DI101 Datasheet
49Kb / 2P
1 AMP MINIATURE BRIDGE RECTIFIERS
logo
Pan Jit International I...
DI101 PANJIT-DI101 Datasheet
71Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - DI101

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
DI100 TRSYS-DI100 Datasheet
154Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
2KBP005M PANJIT-2KBP005M Datasheet
88Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI100 PANJIT-DI100_04 Datasheet
71Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI150 PANJIT-DI150 Datasheet
47Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBL400 PANJIT-GBL400_04 Datasheet
47Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP300 PANJIT-GBP300_04 Datasheet
36Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI150 PANJIT-DI150_07 Datasheet
62Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI200 PANJIT-DI200 Datasheet
58Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
GBP200 JUXING-GBP200 Datasheet
360Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
DI100 PANJIT-DI100_V01 Datasheet
61Kb / 4P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
March 11,2016-REV.02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com