Electronic Components Datasheet Search
  English  ▼

X  

DI201S Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # DI201S
Description  DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

DI201S Datasheet(HTML) 1 Page - Pan Jit International Inc.

  DI201S Datasheet HTML 1Page - Pan Jit International Inc. DI201S Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
November 3,2010-REV.01
DI200S~DI2010S
• Plastic material used carries Underwriters
Laboratory recognition 94V-O
• Low leakage
• Surge overload rating-- 50 amperes peak
• Ideal for printed circuit board
• Exceeds environmental standards of MIL-S-19500/228
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: Reliable low cost construction utilizing molded plastic technique
results in inexpensive product
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: Polarity symbols molded or marking on body
• Mounting Position: Any
• Weight: 0.0115 ounce, 0.3268 gram
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.Single phase, half wave, 60Hz, Resistive or inductive load.
For capacitive load, derate current by 20%
NOTES:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.5 X 0.5"(13 X 13mm) copper pads
FEATURES
VOLTAGE
50~1000 Volts
2.0 Amperes
CURRENT
PA RA ME TE R
S YMB OL
D I200S D I20 1S D I202 S D I204S D I206S D I208S D I2010S
UNITS
Ma xi mum Re cur rent P eak Re ve rs e Vo ltage
V
RRM
50
100
200
400
600
800
1000
V
Ma xi mum RMS B ri dge Input Vo ltag e
V
RMS
35
70
140
280
420
560
700
V
Ma xi mum D C B lo c k i ng Vo lta g e
V
DC
50
100
200
400
600
800
1000
V
Ma xi mum A ver age F o rwar d C urre nt T
A =4 0
OCI
F(AV )
2.0
A
P eak For ward S urge C urr ent:8 .3 ms si ng le ha lf si ne -wave
superi mposed on ra ted lo ad (J E D E C me thod)
I
FS M
50
A
I2t Ra ti ng fo r fus i ng ( t<8 .3 5 ms )
I2t1 0 .0
A 2S
Ma xi mum Forward Vo ltag e D rop per B ri dge E lement at 2.0A
V
F
1.1
V
Ma xi mum D C Re ve rs e C urre ntT
J = 25
OC
at Ra ted D C B locki ng Vo ltageT
J = 125
OC
I
R
5.0
500
μA
Typi cal Junc ti on capaci tance (Note 1)
C
J
25
pF
Typi cal therma l re si stance per leg ( (No te 2)
R
θJA
Rθ
JL
40
15
OC / W
Operati ng Juns ti on and S torage Te mperature Ra ng e
T
J,T sTG
-55 to + 150
OC
0.335(8.51)
0.316(8.05)
0.045(1.14)
0.035(0.89)
0.098(2.5)
0.086(2.2)
0.009(0.25)


Similar Part No. - DI201S

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
DI201S CTC-DI201S Datasheet
128Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DI201S CTC-DI201S Datasheet
227Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
DI201S ZSELEC-DI201S Datasheet
118Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DI201S

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
DI100 TRSYS-DI100 Datasheet
154Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
2KBP005M PANJIT-2KBP005M Datasheet
88Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI100 PANJIT-DI100_04 Datasheet
71Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI150 PANJIT-DI150 Datasheet
47Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBL400 PANJIT-GBL400_04 Datasheet
47Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI100 PANJIT-DI100_06 Datasheet
72Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI150 PANJIT-DI150_07 Datasheet
62Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI200 PANJIT-DI200 Datasheet
58Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
GBP200 JUXING-GBP200 Datasheet
360Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
DI100 PANJIT-DI100_V01 Datasheet
61Kb / 4P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
March 11,2016-REV.02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com