Electronic Components Datasheet Search
  English  ▼

X  

ER2000CT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ER2000CT
Description  ISOLATION SUPERFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER2000CT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ER2000CT Datasheet HTML 1Page - Pan Jit International Inc. ER2000CT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-JUL.22.2009
1
ER2000CT~ER2006CT
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• Low power loss, high efficiency.
• Low forwrd voltge, high current capability
• High surge capacity.
• Super fast recovery times, high voltage.
• Epitaxial chip construction.
• In compliance with EU RoHS 2002/95/EC directives
ISOLATION SUPERFAST RECOVERY RECTIFIER
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A.
3. Both Bonding and Chip structure are available.
.058(1.47)
.042(1.07)
VOLTAGE
50 to 600 Volts
CURRENT
20.0 Amperes
MECHANICALDATA
• Case: TO-220AB Molded plastic
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.0655 ounces, 1.859 grams.
MAXIMUM RATINGAND ELECTRICALCHARACTERISTICSS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
T
C
0
0
0
2
R
ET
C
1
0
0
2
R
ET
C
A
1
0
0
2
R
ET
C
2
0
0
2
R
ET
C
3
0
0
2
R
ET
C
4
0
0
2
R
E0
0
2
R
E6 T
C
S
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
MV
M
R
R
0
50
0
10
5
10
0
20
0
30
0
40
0
6V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
MV
S
M
R
5
30
75
0
10
4
10
1
20
8
20
2
4V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
MV
C
D
0
50
0
10
5
10
0
20
0
30
0
40
0
6V
0
9
=
c
T
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
o CI
)
V
A
(
F
0
.
0
2A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
5
1A
A
0
1
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
MV
F
5
9
.
03
.
1
7
.
1
V
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
O C
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
J
0
0
1
=
O C
I
R
1
0
0
5
µA
)
2
e
t
o
N
(
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
t
r
r
5
30
5
0
0
1
s
n
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
J
l
a
c
i
p
y
TC
J
5
8F
p
)
3
e
t
o
N
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
t
l
a
c
i
p
y
TRθ
c
J
0
.
3
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OT
J T
,
G
T
S
0
5
1
+
o
t
0
5
-
O C


Similar Part No. - ER2000CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2000FCT PANJIT-ER2000FCT Datasheet
97Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIER
More results

Similar Description - ER2000CT

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER1000F TRSYS-ER1000F Datasheet
149Kb / 3P
ISOLATION SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ER1000FCT PANJIT-ER1000FCT_04 Datasheet
54Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIERS
ER1600FCT PANJIT-ER1600FCT Datasheet
42Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIER
ER1000F PANJIT-ER1000F_09 Datasheet
92Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIERS
ER1600CT PANJIT-ER1600CT_09 Datasheet
86Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIER
ER1600FCT PANJIT-ER1600FCT_09 Datasheet
93Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIER
ER1604DY PANJIT-ER1604DY Datasheet
105Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIER
ER2000FCT PANJIT-ER2000FCT Datasheet
97Kb / 2P
ISOLATION SUPERFAST RECOVERY RECTIFIER
ER2002ST PANJIT-ER2002ST Datasheet
65Kb / 4P
ISOLATION SUPERFAST RECOVERY RECTIFIER
ER3002PT PANJIT-ER3002PT Datasheet
72Kb / 4P
ISOLATION SUPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com