Electronic Components Datasheet Search
  English  ▼

X  

ER2002CT Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # ER2002CT
Description  ISOLATION SUPERFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER2002CT Datasheet(HTML) 2 Page - Pan Jit International Inc.

  ER2002CT Datasheet HTML 1Page - Pan Jit International Inc. ER2002CT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-JUL.22.2009
1
ER2000CT~ER2006CT
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.4- MAXIMUM NON - REPETITIVE SURGE CURRENT
Fig.5- TYPICAL JUNCTION CAPACITANCE
NO. OF CYCLE AT 60HZ
180
150
120
90
60
25
0
1
2
5
10
20
50
100
8.3ms Single
Half Since-Wave
JEDEC Method
REVERSE VOLTAGE, VOLTS
1
2
5
10
20
50 100
70
60
50
40
30
20
10
200
500
T = 25 C
J
O
0
4
6
12
16
20
RESISTIVEORINDUCTIVE LOAD
0
20406080
100
120
140
160
CASE TEMPERAURE, C
O
90
80
FIG.3 TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK INVERSE VOLTGE, VOLTS
1000
100
10
1.0
0.1
20
40
60
80
100
120
T= 75 C
J
O
T= 25 C
J
O
T = 125 C
J
O
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
1.15
1.35
50
0.1
10
1.0
.
0.95
0.75
1.55
1.75
T25 C
Pulse Width=200us
J=
O
50-200V
300-400V
600V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com