Electronic Components Datasheet Search
  English  ▼

X  

LS914 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # LS914
Description  SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

LS914 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  LS914 Datasheet HTML 1Page - Pan Jit International Inc. LS914 Datasheet HTML 2Page - Pan Jit International Inc. LS914 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-FEB.06.2009
LS914
.020(0.5)
.020(0.5)
.012(0.3)
.012(0.3)
.130(3.3)
.146(3.7)
Unit : inch (mm)
QUADRO-MELF
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise noted)
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
4
1
9
S
L
S
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
V
R
5
7
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
V
M
R
0
0
1
V
e
g
a
t
l
o
V
S
M
R
V
S
M
R
0
5
V
T
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
A
5
2
=
O
f
d
n
A
C>
z
H
0
5
I
)
V
A
(
F
5
7
A
m
T
d
n
a
s
1
<
t
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
S
J
5
2
=
O C
I
M
S
F
0
0
5
A
m
5
2
=
b
m
a
T
t
a
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
O C
P
T
O
T
0
0
5
W
m
I
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
F
A
m
0
1
=
V
F
0
.
1
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
m
u
m
i
x
a
M
V
t
a
R
V
0
2
=
V
t
a
R
V
5
7
=
V
t
a
R
T
,
V
0
2
=
J
0
5
1
=
O C
I
R
5
2
5
0
5
A
n
µA
µA
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
C
m
u
m
i
x
a
M
C
J
4
F
p
)
2
e
t
o
N
(
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
t
r
r
4
s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
Rθ
A
J
0
5
3
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
T
J T
,
s
5
7
1
+
o
t
5
6
-
O C
SWITCHING DIODES
VOLTAGE
100 Volts
POWER
500 mWatts
FEATURES
• Fast switching Speed.
• Electrically ldentical to Standerd JEDEC
• High Conductance
• Axial lead Package ldeally Suited for Automatic lnsertion.
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: Molded GlassQUADRD MELF
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: See Diagram Below
• Approx. Weight: 0.030 grams
• Mounting Position: Any
• Packing information
T/R - 10K per 13" plastic Reel
T/R - 2.5K per 7" plastic Reel
NOTE:
1. CJ at VR=0, f=1MHZ
2. From IF=10mA to IR=1mA, VR=6Volts, RL=100
Ω


Similar Part No. - LS914

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LS914B TSC-LS914B Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
LS914B TSC-LS914B Datasheet
106Kb / 2P
500mW High Speed SMD Switching Diode
LS914B TSC-LS914B Datasheet
221Kb / 4P
500mW High Speed SMD Switching Diode
LS914BL0 TSC-LS914BL0 Datasheet
106Kb / 2P
500mW High Speed SMD Switching Diode
LS914BL1 TSC-LS914BL1 Datasheet
106Kb / 2P
500mW High Speed SMD Switching Diode
More results

Similar Description - LS914

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
Switching Diodes
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_10 Datasheet
75Kb / 2P
SWITCHING DIODES
BAV19 PANJIT-BAV19 Datasheet
70Kb / 2P
SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
Switching Diodes
logo
Shenzhen Luguang Electr...
1SS184 LUGUANG-1SS184 Datasheet
238Kb / 2P
Switching Diodes
1SS226 LUGUANG-1SS226 Datasheet
250Kb / 2P
Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
SWITCHING Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com