Electronic Components Datasheet Search
  English  ▼

X  

LS4448 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # LS4448
Description  FAST SWITCHING SURFACE MOUNT DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

LS4448 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  LS4448 Datasheet HTML 1Page - Pan Jit International Inc. LS4448 Datasheet HTML 2Page - Pan Jit International Inc. LS4448 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-FEB.06.2009
LS4448
FEATURES
• Fast switching Speed.
• Surface Mount Package Ideally Suited For Automatic Insertion.
• Silicon Epitaxal Planar Construction.
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: QUADRD, MELF
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: Cathode Band
• Marking: Cathode Band Only
• Weight: 0.03 grams(approx)
.020(0.5)
.020(0.5)
.012(0.3)
.012(0.3)
.130(3.3)
.146(3.7)
Unit : inch (mm)
QUADRO-MELF
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise noted)
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
8
4
4
4
S
L
S
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
VRM
0
0
1
V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
VDC
5
7
V
5
2
=
a
T
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
O
f
d
n
A
C>
z
H
0
5
IAV
0
5
1
A
m
5
2
=
=
j
T
d
n
a
s
1
<
t
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
S
O C
IFSM
0
0
5
A
m
5
2
=
b
m
a
T
t
a
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
O C
PTOT
0
0
5
W
m
I
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
F
A
m
0
0
1
=
VF
0
.
1
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
m
u
m
i
x
a
M
V
t
a
R
V
0
2
=
V
t
a
R
T
,
V
0
2
=
J
0
5
1
=
O C
IR
0
3
0
5
A
n
µA
V
t
a
e
c
n
a
t
i
c
a
p
a
C
m
u
m
i
x
a
M
F
V
=
R
0
=
C
J
4
F
p
m
o
r
F
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
I
F
I
-
=
R
I
o
t
A
m
0
1
=
R
R
V
,
A
m
1
-
=
R
V
6
=R
L
0
0
1
=
Ω
t
r
r
4
s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
m
u
m
i
x
a
M
l
a
c
i
p
y
T
Rθ
A
J
0
5
3
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
TJ,T
S
5
7
1
+
o
t
5
6
-
O C
FAST SWITCHING SURFACE MOUNT DIODES
VOLTAGE
100 Volts
POWER
500 mW
NOTE:
1. CJ at VR=0, f=1MHZ
2. From IF=10mA to IR=1mA, VR=6Volts, RL=100
Ω


Similar Part No. - LS4448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS4448 VISHAY-LS4448 Datasheet
56Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Diotec Semiconductor
LS4448 DIOTEC-LS4448 Datasheet
103Kb / 2P
Surface Mount Small Signal Diodes
logo
Taiwan Semiconductor Co...
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
Vishay Siliconix
LS4448 VISHAY-LS4448 Datasheet
195Kb / 5P
Small Signal Fast Switching Diodes
04-May-07
logo
SEMTECH ELECTRONICS LTD...
LS4448 SEMTECH_ELEC-LS4448 Datasheet
211Kb / 3P
SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - LS4448

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODES
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
Surface Mount Fast Switching Diodes
logo
Diode Semiconductor Kor...
BAS16TW DSK-BAS16TW Datasheet
257Kb / 3P
Surface Mount Fast Switching Diodes
BAV70DW DSK-BAV70DW Datasheet
230Kb / 3P
Surface Mount Fast Switching Diodes
BAV99S DSK-BAV99S Datasheet
233Kb / 3P
Surface Mount Fast Switching Diodes
logo
Galaxy Semi-Conductor H...
BAV99S BILIN-BAV99S Datasheet
163Kb / 3P
Surface Mount Fast Switching Diodes
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
Surface Mount Fast Switching Diodes
Rev.A
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
Surface Mount Fast Switching Diodes
Rev.A
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
Surface Mount Fast Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com