Electronic Components Datasheet Search
  English  ▼

X  

MB55 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MB55
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MB55 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MB55 Datasheet HTML 1Page - Pan Jit International Inc. MB55 Datasheet HTML 2Page - Pan Jit International Inc. MB55 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-APR.09.2009
MB54~MB520
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2 -MAXIMUM NON-REPETITIVE SURGE
CURRENT
NO. OF CYCLE AT 60H
Z
Fig.3-TYPICAL REVERSE CHARACTERISTIC
110
10
0
20
40
60
80
100
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
0.1
1.0
10
0.4
0.6
0.8
1.0
T=25 C
A
O
40V-45V
50V-60V
80V-100V
FORWARD VOLTAGE, VOLTS
150-200V
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
120
140
10
1.0
0.1
.01
.001
0
20406080
100
T =100 C
J
O
T=
J
75 C
O
T=
J
25 C
O
5.0
4.0
2.0
0
.375" 9.5mmLEADLENGHTS
RESISTIVEORINDUCTIVELOAD
1.0
3.0
0
20
40
60
80
100
120
140
160
180
= 40V
= 45-200V
LEAD TEMPERATURE, C
O



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com