Electronic Components Datasheet Search
  English  ▼

X  

MBR540 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MBR540
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MBR540 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MBR540 Datasheet HTML 1Page - Pan Jit International Inc. MBR540 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
August 17,2010-REV.01
MBR540 SERIES
Fig.2 -MAXIMUM NON-REPETITIVE SURGE
CURRENT
NO. OF CYCLE AT 60H
Z
5.0
4.0
2.0
0
.375" 9.5mmLEADLENGHTS
RESISTIVEORINDUCTIVELOAD
1.0
3.0
0
20
40
60
80
100
120
140
160
180
LEAD TEMPERATURE, C
O
150
120
90
60
30
0
1
10
100
8.3ms Single Half-Sine-Wave
(JEDEC Method) T = T
JJ(MAX)
0.1
1
10
100
3000
1000
10
V , REVERSE VOLTAGE (V)
R
T = 25 C
J
o



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com