Electronic Components Datasheet Search
  English  ▼

X  

GLZ10C Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # GLZ10C
Description  SURFACE MOUNT ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GLZ10C Datasheet(HTML) 3 Page - Pan Jit International Inc.

  GLZ10C Datasheet HTML 1Page - Pan Jit International Inc. GLZ10C Datasheet HTML 2Page - Pan Jit International Inc. GLZ10C Datasheet HTML 3Page - Pan Jit International Inc. GLZ10C Datasheet HTML 4Page - Pan Jit International Inc. GLZ10C Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
STAD-JUL.30.2009
GLZ2.0~GLZ56
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
Ne
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
g
n
i
k
r
a
M
e
d
o
C
V Z @IZT
ZZT @I ZT
ZZK @I ZK
IR @VR
V
.
m
o
NV
.
n
i
MV
.
x
a
M
Ω
A
m
Ω
A
m
µA
V
s
e
d
o
i
D
r
e
n
e
Z
W
m
0
0
5
A
2
1
Z
L
G2
13
1
.
1
11
7
.
1
12
10
10
1
15
.
02
.
09
A
2
1
B
2
1
Z
L
G2
14
4
.
1
13
0
.
2
12
10
10
1
15
.
02
.
09
B
2
1
C
2
1
Z
L
G2
14
7
.
1
15
3
.
2
12
10
10
1
15
.
02
.
09
C
2
1
A
3
1
Z
L
G3
11
1
.
2
15
7
.
2
14
10
10
1
15
.
02
.
00
1A
3
1
B
3
1
Z
L
G3
15
5
.
2
11
2
.
3
14
10
10
1
15
.
02
.
00
1B
3
1
C
3
1
Z
L
G3
19
9
.
2
16
6
.
3
14
10
10
1
15
.
02
.
00
1C
3
1
A
5
1
Z
L
G5
14
4
.
3
13
1
.
4
16
10
10
1
15
.
02
.
01
1A
5
1
B
5
1
Z
L
G5
19
8
.
3
12
6
.
4
16
10
10
1
15
.
02
.
01
1B
5
1
C
5
1
Z
L
G5
15
3
.
4
19
0
.
5
16
10
10
1
15
.
02
.
01
1C
5
1
A
6
1
Z
L
G6
18
.
4
17
5
.
5
18
10
10
5
15
.
02
.
02
1A
6
1
B
6
1
Z
L
G6
15
2
.
5
14
0
.
6
18
10
10
5
15
.
02
.
02
1B
6
1
C
6
1
Z
L
G6
19
6
.
5
11
5
.
6
18
10
10
5
15
.
02
.
02
1C
6
1
A
8
1
Z
L
G8
12
2
.
6
16
0
.
7
13
20
10
5
15
.
02
.
03
1A
8
1
B
8
1
Z
L
G8
12
8
.
6
17
.
7
13
20
10
5
15
.
02
.
03
1B
8
1
C
8
1
Z
L
G8
12
4
.
7
13
3
.
8
13
20
10
5
15
.
02
.
03
1C
8
1
A
0
2
Z
L
G0
22
0
.
8
16
9
.
8
18
20
10
0
25
.
02
.
05
1A
0
2
B
0
2
Z
L
G0
23
6
.
8
19
5
.
9
18
20
10
0
25
.
02
.
05
1B
0
2
C
0
2
Z
L
G0
23
2
.
9
12
2
.
0
28
20
10
0
25
.
02
.
05
1C
0
2
D
0
2
Z
L
G0
22
7
.
9
12
7
.
0
28
20
10
0
25
.
02
.
05
1D
0
2
A
2
2
Z
L
G2
25
1
.
0
22
.
1
20
35
0
0
25
.
02
.
07
1A
2
2
B
2
2
Z
L
G2
24
6
.
0
21
7
.
1
20
35
0
0
25
.
02
.
07
1B
2
2
C
2
2
Z
L
G2
28
0
.
1
27
1
.
2
20
35
0
0
25
.
02
.
07
1C
2
2
D
2
2
Z
L
G2
22
5
.
1
23
6
.
2
20
35
0
0
25
.
02
.
07
1D
2
2
A
4
2
Z
L
G4
25
0
.
2
28
1
.
3
25
35
0
0
25
.
02
.
09
1A
4
2
B
4
2
Z
L
G4
21
6
.
2
27
7
.
3
25
35
0
0
25
.
02
.
09
1B
4
2
C
4
2
Z
L
G4
22
1
.
3
21
3
.
4
25
35
0
0
25
.
02
.
09
1C
4
2
D
4
2
Z
L
G4
23
6
.
3
25
8
.
4
25
35
0
0
25
.
02
.
09
1D
4
2
A
7
2
Z
L
G7
26
2
.
4
22
5
.
5
25
45
0
5
25
.
02
.
01
2A
7
2
B
7
2
Z
L
G7
27
9
.
4
26
2
.
6
25
45
0
5
25
.
02
.
01
2B
7
2
C
7
2
Z
L
G7
23
6
.
5
25
9
.
6
25
45
0
5
25
.
02
.
01
2C
7
2
D
7
2
Z
L
G7
29
2
.
6
24
6
.
7
25
45
0
5
25
.
02
.
01
2D
7
2
A
0
3
Z
L
G0
39
9
.
6
29
3
.
8
25
55
0
5
25
.
02
.
03
2A
0
3
B
0
3
Z
L
G0
37
.
7
23
1
.
9
25
55
0
5
25
.
02
.
03
2B
0
3
C
0
3
Z
L
G0
36
3
.
8
22
8
.
9
25
55
0
5
25
.
02
.
03
2C
0
3
D
0
3
Z
L
G0
32
0
.
9
21
5
.
0
35
55
0
5
25
.
02
.
03
2D
0
3
A
3
3
Z
L
G3
38
6
.
9
22
2
.
1
35
65
0
5
25
.
02
.
05
2A
3
3
B
3
3
Z
L
G3
32
3
.
0
38
8
.
1
35
65
0
5
25
.
02
.
05
2B
3
3
C
3
3
Z
L
G3
39
.
0
35
.
2
35
65
0
5
25
.
02
.
05
2C
3
3
D
3
3
Z
L
G3
39
4
.
1
31
1
.
3
35
65
0
5
25
.
02
.
05
2D
3
3
A
6
3
Z
L
G6
35
1
.
2
39
7
.
3
35
75
0
5
25
.
02
.
07
2A
6
3
B
6
3
Z
L
G6
39
7
.
2
39
4
.
4
35
75
0
5
25
.
02
.
07
2B
6
3
C
6
3
Z
L
G6
34
.
3
33
1
.
5
35
75
0
5
25
.
02
.
07
2C
6
3
D
6
3
Z
L
G6
31
0
.
4
37
7
.
5
35
75
0
5
25
.
02
.
07
2D
6
3
A
9
3
Z
L
G9
38
6
.
4
37
4
.
6
35
85
0
5
25
.
02
.
00
3A
9
3
B
9
3
Z
L
G9
36
3
.
5
39
1
.
7
35
85
0
5
25
.
02
.
00
3B
9
3
C
9
3
Z
L
G9
36
35
8
.
7
35
85
0
5
25
.
02
.
00
3C
9
3
D
9
3
Z
L
G9
33
6
.
6
32
5
.
8
35
85
0
5
25
.
02
.
00
3D
9
3
3
4
Z
L
G3
40
45
40
95
-
-
2
.
03
33
4
7
4
Z
L
G7
44
49
40
95
-
-
2
.
06
37
4
1
5
Z
L
G1
58
44
50
1
15
-
-
2
.
09
31
5
6
5
Z
L
G6
53
50
60
1
15
-
-
2
.
03
46
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com