Electronic Components Datasheet Search
  English  ▼

X  

MMBD101 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MMBD101
Description  SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD101 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MMBD101 Datasheet HTML 1Page - Pan Jit International Inc. MMBD101 Datasheet HTML 2Page - Pan Jit International Inc. MMBD101 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-MAR.23.2007
MMBD101/MMBD352/MMBD353/MMBD354/MMBD355
ELECTRICAL CHARACTERISTICS CURVES
ELECTRICAL CHARACTERISTICS (T
J=25
OC unless otherwise noted)
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
n
o
i
t
i
d
n
o
C
t
s
e
T
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
R
V
)
R
B
(
I
R
0
1
=
µA
0
.
7
0
1
-
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
I
R
V
R
V
0
.
3
=
-
-
5
2
.
0
µA
e
g
a
t
l
o
V
d
r
o
w
r
o
F
V
F
I
F
A
m
0
1
=
-
5
.
0
6
.
0
V
e
c
n
a
t
i
c
a
p
a
C
l
a
t
o
T
C
J
V
,
z
H
M
0
.
1
=
f
R
V
0
=
-
8
8
.
0
0
.
1
F
p
FIG. 1-TYPICAL FORWARD CHARACTERISTIC
FIG. 2-TYPICAL REVERSE CHARACTERISTICS
FIG. 3 TYPICAL TOTAL CAPACITANCE
0.1
1
10
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage, V
F (V)
T
J =25
T
J =75
T
J = 125
0.01
0.1
1
10
0
25
50
75
100
125
150
Junction Temperature, T
J (C)
V
R =3V
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0123
4567
Reverse Voltage, V
R (V)
f=1MHz
OC
OC
OC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com