Electronic Components Datasheet Search
  English  ▼

X  

MMBD352 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBD352
Description  SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD352 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBD352 Datasheet HTML 1Page - Pan Jit International Inc. MMBD352 Datasheet HTML 2Page - Pan Jit International Inc. MMBD352 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-MAR.23.2007
MMBD101/MMBD352/MMBD353/MMBD354/MMBD355
Fig.15
COMMON ANODE
Fig.16
COMMON CATHODE
COMMON CATHODE
Fig.17
SERIES
Fig.14
SINGLE
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
VOLTAGE
7.0 Volts
250mWatts
FEATURES
• Low Capacitance, Minimizing Insertion Losses in VHF Applications
• Low V
F : 0.5V (Typ) at IF = 10mA
• Extremely Fast Switching Speed
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: SOT-23 plastic case.
• Terminals : Solderable per MIL-STD-750,Method 2026
• Weight: approximately 0.008gram
POWER
MAXIMUM RATINGS
NOTE:
1. FR-5 Board = 1.0X0.75X0.062 in.
THERMAL CHARACTERISTICS
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
1
0
1
D
B
M
M
2
5
3
D
B
M
M
3
5
3
D
B
M
M
4
5
3
D
B
M
M
5
5
3
D
B
M
M
s
t
i
n
U
e
d
o
C
g
n
i
k
r
a
M
-
1
0
1
2
5
3
3
5
3
4
5
3
5
5
3
-
e
g
a
tl
o
V
e
s
r
e
v
e
R
V
R
7
V
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
d
r
o
w
r
o
F
P
F
0
5
2
W
m
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
T
J
5
2
1
+
o
t
5
5
-
OC
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
0
5
1
+
o
t
5
5
-
OC
e
r
u
g
i
F
t
i
u
c
r
i
C
-
E
L
G
N
I
S
S
E
I
R
E
S
S
E
I
R
E
S
)
v
e
R
(
N
O
M
M
O
C
E
D
O
H
T
A
C
N
O
M
M
O
C
E
D
O
N
A
-
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
e
u
l
a
V
s
t
i
n
U
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
T
Rθ A
J
0
0
4
O
W
/
C


Similar Part No. - MMBD352

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD352 ONSEMI-MMBD352 Datasheet
41Kb / 4P
Dual Hot Carrier Mixer Diodes
November, 2001 ??Rev. 4
logo
Leshan Radio Company
MMBD352 LRC-MMBD352 Datasheet
45Kb / 2P
Dual Hot Carrier Mixer Diodes
MMBD352 LRC-MMBD352 Datasheet
48Kb / 2P
Dual Schottky Barrier Diode
logo
Pan Jit International I...
MMBD352 PANJIT-MMBD352 Datasheet
84Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
MMBD352 LUGUANG-MMBD352 Datasheet
237Kb / 2P
Dual Hot Carrier Mixer Diodes
More results

Similar Description - MMBD352

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHSH-3 CENTRAL-CMHSH-3 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY DIODE
logo
Pan Jit International I...
MMBD101 PANJIT-MMBD101 Datasheet
85Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD101 PANJIT-MMBD101_05 Datasheet
84Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD101W PANJIT-MMBD101W Datasheet
89Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD101TS PANJIT-MMBD101TS Datasheet
110Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD101WS PANJIT-MMBD101WS Datasheet
67Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD330W PANJIT-MMBD330W_09 Datasheet
107Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD330WS PANJIT-MMBD330WS_09 Datasheet
74Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD330WS PANJIT-MMBD330WS_15 Datasheet
122Kb / 5P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD330WS PANJIT-MMBD330WS_16 Datasheet
137Kb / 5P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com