Electronic Components Datasheet Search
  English  ▼

X  

FMMT589 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT589
Description  SOT23 PNP SILICON PLANAR MEDIUM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT589 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT589 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 PNP SILICON PLANAR MEDIUM
POWER HIGH PERFORMANCE TRANSISTOR
ISSUE 5 - JANUARY 1997
7
FEATURES
* Low equivalent on-resistance; RCE(sat) 250mΩ at 1A
PARTMARKING DETAILS -
589
COMPLEMENTARY TYPE -
FMMT489
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Base Current
IB
-200
mA
Power Dissipation at Tamb=25°C
Ptot
500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO -50
V
IC=-100µA
Collector-Emitter Breakdown
Voltage
V(BR)CEO -30
V
IC=-10mA*
Emitter-Base Breakdown Voltage V(BR)EBO -5
V
IE=-100µA
Collector Cut-Off Current
ICBO
-100
nA
VCB=-30V
Collector -Emitter Cut-Off
Current
ICES
-100
nA
VCES=-30V
Emitter Cut-Off Current
IEBO
-100
nA
VEB=-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.25
-0.35
-0.65
V
V
V
IC=-0.5A, IB=-50mA*
IC=-1A, IB=-100mA*
IC=-2A, IB=-200mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1.2
V
IC=-1A, IB=-100mA*
Base-Emitter
Turn-on Voltage
VBE(on)
-1.1
V
IC=-1A, VCE=-2V*
Static Forward Current Transfer
Ratio
hFE
100
100
80
40
300
IC=-1mA, VCE=-2V*
IC=-500mA, VCE=-2V*
IC=-1A, VCE=-2V*
IC=-2A, VCE=-2V*
Transition Frequency
fT
100
MHz
IC=-100mA, VCE=-5V
f=100MHz
Output Capacitance
Cobo
15
pF
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
For typical Characteristics graphs see FMMT549 datasheet
FMMT589
C
B
E
3 - 136


Similar Part No. - FMMT589

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT589 ZETEX-FMMT589 Datasheet
48Kb / 1P
PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT589 KEXIN-FMMT589 Datasheet
35Kb / 1P
Power High Performance Transistor
logo
Diodes Incorporated
FMMT589 DIODES-FMMT589 Datasheet
692Kb / 7P
30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 7
FMMT589TA DIODES-FMMT589TA Datasheet
692Kb / 7P
30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 7
FMMT589 DIODES-FMMT589_15 Datasheet
692Kb / 7P
30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 7
More results

Similar Description - FMMT589

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTA55 ZETEX-FMMTA55 Datasheet
57Kb / 1P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FMMT555 ZETEX-FMMT555_03 Datasheet
63Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMT549 DIODES-FMMT549 Datasheet
131Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
OCTOBER 1995
FMMT551 DIODES-FMMT551 Datasheet
108Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT555 DIODES-FMMT555 Datasheet
71Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
AUGUST 2003
FMMTA56 DIODES-FMMTA56 Datasheet
47Kb / 1P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 2001
FMMT591ATA DIODES-FMMT591ATA Datasheet
155Kb / 4P
SOT23 PNP silicon planar medium power transistor
AUGUST 2008
FMMT555TA DIODES-FMMT555TA Datasheet
71Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
AUGUST 2003
logo
Fairchild Semiconductor
FMMT551TA FAIRCHILD-FMMT551TA Datasheet
108Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMTA56 DIODES-FMMTA56_15 Datasheet
47Kb / 1P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 2001
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com