Electronic Components Datasheet Search
  English  ▼

X  

FMMT624 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # FMMT624
Description  150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT-23
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT624 Datasheet(HTML) 5 Page - Diodes Incorporated

  FMMT624 Datasheet HTML 1Page - Diodes Incorporated FMMT624 Datasheet HTML 2Page - Diodes Incorporated FMMT624 Datasheet HTML 3Page - Diodes Incorporated FMMT624 Datasheet HTML 4Page - Diodes Incorporated FMMT624 Datasheet HTML 5Page - Diodes Incorporated FMMT624 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FMMT624
Document number: DS33110 Rev. 4 - 2
5 of 6
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT624
Package Outline Dimensions
E
e
L
e1
D
A
c
E1
L1
A1
b
3leads
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
-
1.12
-
0.044
e1
1.90 NOM
0.075 NOM
A1
0.01
0.10
0.0004
0.004
E
2.10
2.64
0.083
0.104
b
0.30
0.50
0.012
0.020
E1
1.20
1.40
0.047
0.055
c
0.085
0.20
0.003
0.008
L
0.25
0.60
0.0098
0.0236
D
2.80
3.04
0.110
0.120
L1
0.45
0.62
0.018
0.024
e
0.95 NOM
0.037 NOM
-
-
-
-
-
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Suggested Pad Layout
mm
inches
0.8
0.031
0.9
0.035
0.95
0.037
2.0
0.079



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com