Electronic Components Datasheet Search
  English  ▼

X  

FMMT625 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT625
Description  150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT625 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT625 Datasheet HTML 1Page - Diodes Incorporated FMMT625 Datasheet HTML 2Page - Diodes Incorporated FMMT625 Datasheet HTML 3Page - Diodes Incorporated FMMT625 Datasheet HTML 4Page - Diodes Incorporated FMMT625 Datasheet HTML 5Page - Diodes Incorporated FMMT625 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FMMT625
Document number: DS33237 Rev. 4 - 2
1 of 6
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT625
150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Features
•
VCEO = 150V
•
IC = 1A
•
625mW Power dissipation
•
Low Equivalent On Resistance
•
Low Saturation Voltage
•
hFE characterised up to 3.0A
•
Lead, Halogen and Antimony Free, RoHS Compliant (Note 1)
•
“Green” Devices (Note 2)
Mechanical Data
•
Case: SOT-23
•
Case material: molded Plastic. “Green” molding Compound.
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish
•
Weight: 0.008 grams (Approximate)
Applications
•
DC-DC Modules
•
Power Management Functions
•
Motor control and drive functions
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FMMT625TA
625
7
8mm embossed
3000 units
Notes:
1. No purposefully added lead.
2. Devices with the PID number starting from PID0155145 are ‘Green’ products. Halogen and Antimony Free.
3. Diodes Incorporated‘s “Green” Policy can be found on our website at https://www.diodes.com.
Marking Information
625 = Product Type Marking Code
SOT-23
Device symbol
Pinout – top view
625


Similar Part No. - FMMT625

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT625 ZETEX-FMMT625 Datasheet
308Kb / 4P
NPN SILICON POWER (SWITCHING) TRANSISTORS
logo
Diodes Incorporated
FMMT625 DIODES-FMMT625 Datasheet
307Kb / 4P
SOT23 NPN SILICON POWER
NOVEMBER 1995
logo
Guangdong Kexin Industr...
FMMT625 KEXIN-FMMT625 Datasheet
1Mb / 4P
NPN Transistors
FMMT625 KEXIN-FMMT625_15 Datasheet
1Mb / 4P
NPN Transistors
logo
Diodes Incorporated
FMMT625 DIODES-FMMT625_15 Datasheet
275Kb / 7P
150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
More results

Similar Description - FMMT625

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT620 DIODES-FMMT620 Datasheet
208Kb / 7P
80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
DS32123 Rev. 2 - 2
FMMT624 DIODES-FMMT624 Datasheet
202Kb / 6P
150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT-23
October 2010
FMMT618TA DIODES-FMMT618TA Datasheet
181Kb / 8P
20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT619TA DIODES-FMMT619TA Datasheet
162Kb / 7P
50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 8
FMMT619TC DIODES-FMMT619TC Datasheet
162Kb / 7P
50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 8
FMMT618 DIODES-FMMT618_15 Datasheet
180Kb / 7P
20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT625 DIODES-FMMT625_15 Datasheet
275Kb / 7P
150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT620 DIODES-FMMT620_15 Datasheet
224Kb / 7P
80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 3
FMMT619 DIODES-FMMT619_15 Datasheet
228Kb / 7P
50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 8
ZXTN649F DIODES-ZXTN649F_15 Datasheet
246Kb / 7P
25V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com