Electronic Components Datasheet Search
  English  ▼

X  

FMMT625TA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FMMT625TA
Description  150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT625TA Datasheet(HTML) 3 Page - Diodes Incorporated

  FMMT625TA Datasheet HTML 1Page - Diodes Incorporated FMMT625TA Datasheet HTML 2Page - Diodes Incorporated FMMT625TA Datasheet HTML 3Page - Diodes Incorporated FMMT625TA Datasheet HTML 4Page - Diodes Incorporated FMMT625TA Datasheet HTML 5Page - Diodes Incorporated FMMT625TA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FMMT625
Document number: DS33237 Rev. 4 - 2
3 of 6
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT625
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
150
300
-
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 6)
V(BR)CEO
150
175
-
V
IC = 10mA
Emitter-Base Breakdown Voltage
V(BR)EBO
5
8.3
-
V
IE = 100µA
Collector Cut-off Current
ICBO
-
-
100
nA
VCB =130V
Emitter Cut-off Current
IEBO
-
-
100
nA
VEB = 4V
Collector Emitter Cut-off Current
ICES
-
-
100
nA
VCES =130V
Static Forward Current Transfer Ratio (Note 6)
hFE
200
300
30
-
400
450
45
15
-
-
-
-
-
IC = 10mA, VCE = 10V
IC = 200mA, VCE = 10V
IC = 1A, VCE = 10V
IC = 3A, VCE = 10V
Collector-Emitter Saturation Voltage (Note 6)
VCE(sat)
-
-
-
26
110
180
50
200
300
mV
IC =0.1A, IB = 10mA
IC =0.1A, IB = 1mA
IC =1A, IB = 50mA
Base-Emitter Saturation Voltage (Note 6)
VBE(sat)
-
0.85
1.0
V
IC =1A, IB = 50mA
Base-Emitter Saturation Voltage (Note 6)
VBE(on)
-
0.74
1.0
V
IC =1A, VCE = 10V
Transition Frequency
fT
100
135
-
MHz
IC = 50mA, VCE = 10V,
f=100MHz
Collector Output Capacitance
Cobo
-
6
10
pF
VCB = 10V, f=1MHz
Turn-On Time
t(on)
-
160
-
ns
VCC = 50V, IC = 500mA,
IB1 = -IB2 = 50mA
Turn-Off Time
t(off)
-
1500
-
ns
Notes:
6. Measured under pulsed conditions. Pulse width = 300µs. Duty cycle
≤ 2%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com