Electronic Components Datasheet Search
  English  ▼

X  

FMMTA06TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMTA06TA
Description  SOT23 NPN SILICON PLANARMEDIUM POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMTA06TA Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMTA06TA Datasheet HTML 1Page - Diodes Incorporated FMMTA06TA Datasheet HTML 2Page - Diodes Incorporated FMMTA06TA Datasheet HTML 3Page - Diodes Incorporated FMMTA06TA Datasheet HTML 4Page - Diodes Incorporated FMMTA06TA Datasheet HTML 5Page - Diodes Incorporated FMMTA06TA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SEMICO NDUC TORS
SUMMARY
V(BR)CEO > 80V
IC(cont) = 500mA
DESCRIPTION
80V medium power NPN transistor in a compact SOT23
package
FEATURES
• 80V V
CEO
• Compact SOT23 package
• H
FE 50
@ I
C
= 100mA
APPLICATIONS
• Low power motor driving circuits
DEVICE MARKING
• 1G
FMMTA06
ISSUE 2 - MAY 2004
SOT23 NPN SILICON PLANARMEDIUM POWER TRANSISTORS
1
SOT23
SYMBOL
PINOUT
TOP VIEW
DEVICE
REEL
SIZE
TAPE WIDTH
QUANTITY PER
REEL
FMMTA06TA
7 ”
8mm
3,000
ORDERING INFORMATION


Similar Part No. - FMMTA06TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTA06 ZETEX-FMMTA06 Datasheet
36Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
FMMTA06 ZETEX-FMMTA06_15 Datasheet
98Kb / 6P
SOT23 NPN SILICON PLANARMEDIUM POWER TRANSISTORS
More results

Similar Description - FMMTA06TA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BSS66 ETC-BSS66 Datasheet
34Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Zetex Semiconductors
BSS66 ZETEX-BSS66 Datasheet
36Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
FMMT2222 ZETEX-FMMT2222 Datasheet
45Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMT38A DIODES-FMMT38A Datasheet
78Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
AUGUST 1996
FMMT617 DIODES-FMMT617 Datasheet
307Kb / 4P
SOT23 NPN SILICON POWER
NOVEMBER 1995
BCW65 DIODES-BCW65 Datasheet
57Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
AUGUST 1995
logo
List of Unclassifed Man...
BCW66HTA ETC-BCW66HTA Datasheet
57Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Fairchild Semiconductor
FMMT38CTA FAIRCHILD-FMMT38CTA Datasheet
78Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
FMMTA06 ZETEX-FMMTA06_15 Datasheet
98Kb / 6P
SOT23 NPN SILICON PLANARMEDIUM POWER TRANSISTORS
BC817 ZETEX-BC817_06 Datasheet
278Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com