Electronic Components Datasheet Search
  English  ▼

X  

LB1934 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1934
Description  3V Camera 1.5-Channel Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1934 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1934 Datasheet HTML 1Page - Sanyo Semicon Device LB1934 Datasheet HTML 2Page - Sanyo Semicon Device LB1934 Datasheet HTML 3Page - Sanyo Semicon Device LB1934 Datasheet HTML 4Page - Sanyo Semicon Device LB1934 Datasheet HTML 5Page - Sanyo Semicon Device LB1934 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LB1934T
No.6195–2/6
Electrical Characteristics at Ta = 25˚C, VS=VCC=3V
˚C
˚C
Allowable Operating Ranges at Ta = 25˚C
Specifications
Absolute Maximum Ratings at Ta = 25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
v
y
l
p
p
u
s
m
u
m
i
x
a
M
VS
x
a
mVS
0
.
8
+
o
t
3
.
0
–V
V C
C
x
a
mV C
C
0
.
8
+
o
t
3
.
0
–V
t
n
e
r
r
u
c
t
u
p
t
u
o
m
u
m
i
x
a
M
IO
1
x
a
m2
T
U
O
,
1
T
U
O
0
0
0
2A
m
IO
2
x
a
mN
3
T
U
O
,
P
3
T
U
O
0
0
5
1A
m
e
g
a
t
l
o
v
t
u
p
t
u
o
d
e
il
p
p
a
m
u
m
i
x
a
MVO
x
a
mN
3
T
U
O
,
P
3
T
U
O
,
2
T
U
O
,
1
T
U
O
F
S
V
+
S
V
o
t
3
.
0
–V
e
g
a
t
l
o
v
t
u
p
n
i
d
e
il
p
p
a
m
u
m
i
x
a
MVI
x
a
m2
N
I
,
1
N
I
,
2
D
M
,
1
D
M
0
.
8
+
o
t
3
.
0
–V
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
e
l
b
a
w
o
ll
Ax
a
m
d
P*
e
t
a
r
t
s
b
u
s
d
e
i
f
i
c
e
p
s
h
t
i
W
0
5
8W
m
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
Or
p
o
T
0
7
+
o
t
0
2
–
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
v
y
l
p
p
u
s
r
e
w
o
P
VS
VS
0
.
7
o
t
0
.
1V
V C
C
V C
C
0
.
7
o
t
4
.
1V
e
g
a
t
l
o
v
l
e
v
e
l
-
h
g
i
h
t
u
p
n
IV N
I H2
N
I
,
1
N
I
,
2
D
M
,
1
D
M
0
.
7
o
t
4
.
1V
e
g
a
t
l
o
v
l
e
v
e
l
-
w
o
l
t
u
p
n
IV N
I L2
N
I
,
1
N
I
,
2
D
M
,
1
D
M
4
.
0
+
o
t
3
.
0
–V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
]
n
i
a
r
d
t
n
e
r
r
u
c
g
n
i
t
a
r
e
p
O
[
n
i
a
r
d
t
n
e
r
r
u
c
e
d
o
m
y
b
d
n
a
t
SI
B
T
S
I C
C
I
+ S
1
.
03
A
µ
1
n
i
a
r
d
t
n
e
r
r
u
c
g
n
i
t
a
r
e
p
o
S
VIS1)
e
s
r
e
v
e
r
/
d
r
a
w
r
o
F
(0
70
9A
m
2
n
i
a
r
d
t
n
e
r
r
u
c
g
n
i
t
a
r
e
p
o
S
VIS2)
e
k
a
r
B
(5
75
9A
m
1
n
i
a
r
d
t
n
e
r
r
u
c
g
n
i
t
a
r
e
p
o
C
C
VI C
C 1)
e
d
o
m
e
g
d
i
r
b
-
f
l
a
h
/
h
c
2
/
h
c
1
(4
5
A
m
1
n
i
a
r
d
t
n
e
r
r
u
c
g
n
i
t
a
r
e
p
o
C
C
VI C
C 1)
e
d
o
m
e
r
o
n
g
i
t
u
p
n
i
2
N
I
/
1
N
I
(1
2
A
m
]
s
t
i
u
c
r
i
c
t
u
p
t
u
O
[
e
g
a
t
l
o
v
n
o
i
t
a
r
u
t
a
s
t
u
p
t
u
o
2
T
U
O
/
1
T
U
OVO
1
t
a
sA
m
0
0
0
1
=
o
I
)
N
P
N
+
P
N
P
(5
.
05
7
.
0V
e
g
a
t
l
o
v
n
o
i
t
a
r
u
t
a
s
t
u
p
t
u
o
P
3
T
U
OVO
2
t
a
sI
)
P
N
P
(
O
A
m
0
0
0
1
=4
.
05
5
.
0V
e
g
a
t
l
o
v
n
o
i
t
a
r
u
t
a
s
t
u
p
t
u
o
N
3
T
U
OVO
3
t
a
sI
)
N
P
N
(
O
A
m
0
0
0
1
=3
.
05
4
.
0V
t
n
e
r
r
u
c
e
s
r
e
v
e
r
e
d
o
i
d
r
e
ll
i
k
k
r
a
p
SIS
)
k
a
e
l
(
0
1A
µ
e
g
a
t
l
o
v
d
r
a
w
r
o
f
e
d
o
i
d
r
e
ll
i
k
k
r
a
p
SF
S
VN
3
T
U
O
,
P
3
T
U
O
,
2
T
U
O
,
1
T
U
O
7
.
1V
]
t
i
u
c
r
i
c
t
u
p
n
I
[
t
n
e
r
r
u
c
l
e
v
e
l
-
h
g
i
h
t
u
p
n
II N
I HV N
I
)
2
N
I
,
1
N
I
,
2
D
M
,
1
D
M
(
V
5
=0
70
0
1A
µ
t
n
e
r
r
u
c
l
e
v
e
l
-
w
o
l
t
u
p
n
II N
I LV N
I
)
2
N
I
,
1
N
I
,
2
D
M
,
1
D
M
(
V
0
=
0A
µ
200
0
400
600
800
850
1000
–20
0
20
40
60
70
80
100
Pd max -
Ta
Ambient Temperature, Ta –
°C
With specified substrate (76.1
×114.3×1.6mm3
glass exposy)
*Specified substrate : 76.1
×114.3×1.6mm3 (glass exposy)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com