Electronic Components Datasheet Search
  English  ▼

X  

MMDT4413 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MMDT4413
Description  COMPLEMENTARY NPN/PNP SMALL SIGNAL SURGACE MOUNT TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMDT4413 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MMDT4413 Datasheet HTML 1Page - Pan Jit International Inc. MMDT4413 Datasheet HTML 2Page - Pan Jit International Inc. MMDT4413 Datasheet HTML 3Page - Pan Jit International Inc. MMDT4413 Datasheet HTML 4Page - Pan Jit International Inc. MMDT4413 Datasheet HTML 5Page - Pan Jit International Inc. MMDT4413 Datasheet HTML 6Page - Pan Jit International Inc. MMDT4413 Datasheet HTML 7Page - Pan Jit International Inc. MMDT4413 Datasheet HTML 8Page - Pan Jit International Inc. MMDT4413 Datasheet HTML 9Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PAGE . 2
STAD-MAR.27.2007
MMDT4413
MAXIMUM RATINGS,NPN 4401 SECTION@T
A=25
oC UNLESS OTHERWISE SPECIFIED
c
i
t
s
i
r
e
t
c
a
r
a
h
Cl
o
b
m
y
S1
0
4
4
N
P
Nt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
VCBO
0
6V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
VCEO
0
4V
e
g
a
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
VEBO
0
.
6V
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
Ic
0
0
6A
m
MAXIMUM RATINGS,NPN 4403 SECTION@T
A=25
oC UNLESS OTHERWISE SPECIFIED
c
i
t
s
i
r
e
t
c
a
r
a
h
Cl
o
b
m
y
S3
0
4
4
P
N
Pt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
VCBO
0
4
-V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
VCEO
0
4
-V
e
g
a
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
VEBO
0
.
5
-V
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
Ic
0
0
6
-A
m



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com