Electronic Components Datasheet Search
  English  ▼

X  

MS15 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MS15
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MS15 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MS15 Datasheet HTML 1Page - Pan Jit International Inc. MS15 Datasheet HTML 2Page - Pan Jit International Inc. MS15 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-APR.22.2009
MS14~MS120
RATING AND CHARACTERISTIC CURVES
Fig.1-FORWARD CURRENT DERATING CURVE
NO. OF CYCLE AT 60Hz
LEAD TEMPERATURE, C
o
110
100
0
5
10
15
20
25
30
Fig.2- MAXIMUM NON-REPETITIVEPEAKFORWARD
SURGE CURRENT
1.0
.50
0
SINGLEPHASEHALFWAVE60Hz
RESISTIVEORINDUCTIVELOAD
P.C.B MOUNTED
ON 0.2 X
X
0.2"( 5.0 5.0mm)
COPPERPADAREAS
.25
.75
0
75
100
125
150
175
25
50
=40V
= 45-200V
Fig.3-TYPICAL REVERSE CHARACTERISTIC
20
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
40
60
80
100
T=25 C
J
O
PERCENT OF RATED PEAK REVERSE VOLTAGE ,%
V
=40-60V
V
=80-200V
RRM
RRM
T=75 C
J
O
T =125 C
J
O
Fig.4-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
FORWARD VOLTAGE, VOLTS
0.01
0.1
1.0
10
0.2
0.4
0.6
0.8
1.0
1.2
80-100V
0-
1
00V
T= 2
2
5C
A
O
4
50-60V
0-45
5
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com