Electronic Components Datasheet Search
  English  ▼

X  

MS18 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MS18
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MS18 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MS18 Datasheet HTML 1Page - Pan Jit International Inc. MS18 Datasheet HTML 2Page - Pan Jit International Inc. MS18 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-APR.22.2009
MS14~MS120
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Metal to silicon rectifier. majority carrier conduction
• Low power loss,high efficiency
• High surge capacity
• High current capacity ,low V
F
• For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications.
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: JEDEC DO-214AC molded plastic
• Terminals:Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes positive end (cathode)
• Standard packaging: 12mm tape (EIA-481)
• Weight: 0.0023 ounce, 0.0679 gram
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
NOTES:
1.Pulse Test with PW =300µsec, 1% Duty Cycle.
2.Mounted on P.C. Board with 5.0mm2 (.013mm thick) copper pad areas.
VOLTAGE
40 to 200 Volts
CURRENT
1.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive
load.
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
4
1
S
MA
4
1
S
M5
1
S
M6
1
S
M8
1
S
M9
1
S
M0
1
1
S
M5
1
1
S
M0
2
1
S
M
S
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V
M
R
R
0
45
40
50
60
80
90
0
10
5
10
0
2V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
M
V
S
M
R
8
25
.
1
35
32
46
53
60
75
0
10
4
1V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V
C
D
0
45
40
50
60
80
90
0
10
5
10
0
2V
)
1
e
r
u
g
i
F
e
e
S
(
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
I
(
F)
V
A
0
.
1A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
3A
)
1
e
t
o
N
(
A
0
.
1
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V
F
7
.
04
7
.
00
8
.
09
.
0V
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
O C
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
J
0
0
1
=
O C
I
R
5
0
.
0
0
2
A
m
)
2
e
t
o
N
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
Rθ
L
J
Rθ
A
J
0
3
5
9
O
/
C
W
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
Oe
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
aT
J T
,
G
T
S
0
5
1
+
o
t
5
5
-
5
7
1
+
o
t
5
6
-
O C


Similar Part No. - MS18

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
MS18 KISEMICONDUCTOR-MS18 Datasheet
5Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Mospec Semiconductor
MS18 MOSPEC-MS18 Datasheet
129Kb / 2P
Surface Mount Schottky Barrier rectifiers
logo
Tyco Electronics
MS18-1006 MACOM-MS18-1006 Datasheet
123Kb / 2P
High Performance Solid State Relay
logo
Glenair, Inc.
MS18062 GLENAIR-MS18062 Datasheet
60Kb / 1P
Military Standard Connector Index
logo
Hirose Electric
MS180LH1-HRMJ-088V100 HIROSE-MS180LH1-HRMJ-088V100 Datasheet
381Kb / 8P
Subminiature Coaxial Switch 0.85 mm High, DC to 11 GHz
More results

Similar Description - MS18

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com