Electronic Components Datasheet Search
  English  ▼

X  

FZT600 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FZT600
Description  SOT223 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT600 Datasheet(HTML) 2 Page - Diodes Incorporated

  FZT600 Datasheet HTML 1Page - Diodes Incorporated FZT600 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT223 NPN SILICON PLANAR MEDIUM
POWER DARLINGTON TRANSISTOR
ISSUE 3 – FEBRUARY 1997
FEATURES
* 2A continuous current
* 140 VOLT VCEO
* Guaranteed hFE Specified up to 1A
PART MARKING DETAIL –
FZT600
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
160
V
Collector-Emitter Voltage
VCEO
140
V
Emitter-Base Voltage
VEBO
10
V
Peak Pulse Current
ICM
4A
Continuous Collector Current
IC
2A
Power Dissipation
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
160
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
140
V
IC=10mA*
Emitter-Base Breakdown
Voltage
V(BR)EBO
10
V
IE=100µA
Collector Cut-Off Current
ICBO
0.01
10
µ
A
µ
A
VCB=140V
VCB=140V, Tamb=100°C
Collector Cut-Off Current
ICES
10
µ
A
VCES=140V
Emitter Cut-Off Current
IEBO
0.1
µ
A
VEB=8V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.75
0.85
1.1
1.2
V
V
IC=0.5A, IB=5mA*
IC=1A, IB=10mA*
Base-Emitter Saturation Voltage VBE(sat)
1.7
1.9
V
IC=1A, IB=10mA*
Base-Emitter Turn-On Voltage VBE(on)
1.5
1.7
V
IC=1A, VCE=5V*
Static Forward
Current Transfer
Ratio
GROUP B
hFE
1k
2k
1k
100k
IC=50mA, VCE=10V*
IC=0.5A, VCE=10V*
IC=1A, VCE=10V*
5k
10k
5k
10k
20k
10k
100k
IC=50mA, VCE=10V*
IC=0.5mA, VCE=10V*
IC=1A, VCE=10V*
Transition Frequency
fT
150
250
MHz
IC=100mA, VCE=10V
f=20MHz
Output Capacitance
Cobo
10
15
MHz
VCB=10V, f=1MHz
Switching Times
Ton
0.75
µ
s
IC=0.5A, VCE=10V
IB1=IB2=0.5mA
Toff
2.20
µ
s
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
FZT600
3 - 197
C
C
E
B
C
C
E
B
FZT600
TYPICAL CHARACTERISTICS
VCE(sat) v IC
VBE(sat) v IC
I+ -
Collector Current (Amps)
hFE v IC
0.001
0.01
10
0.1
1
4k
8k
12k
16k
20k
V+-=10V
Group A
Group B
I+ -
Collector Current (Amps)
VBE(on) v IC
1.2
1.3
1.4
1.5
0.01
0.1
110
1.1
V+-=5V
I+ -
Collector Current (Amps)
0
0.60
0.01
0.1
10
1
0.70
0.80
0.90
1.00
I+/I*=100
I+ -
Collector Current (Amps)
1.0
0.01
10
0.1
1
1.2
1.4
1.6
1.8
I+/I*=100
3 - 198



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com