Electronic Components Datasheet Search
  English  ▼

X  

PDZ12B Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PDZ12B
Description  SURFACE MOUNT SILICON ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PDZ12B Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PDZ12B Datasheet HTML 1Page - Pan Jit International Inc. PDZ12B Datasheet HTML 2Page - Pan Jit International Inc. PDZ12B Datasheet HTML 3Page - Pan Jit International Inc. PDZ12B Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
October 01,2010-REV.00
PDZ4.7B ~ PDZ36B
1
36
27
18
16
15
13
Fig.5 ZENER BREAKDOWN CHARACTERISTICS
0
0
1234
5678
910
10
20
30
40
50
Vz, ZENER VOLTAGE(V)
Tj=25 C
O
Test Current Iz
5.0mA
5.6
6.2
6.8
Fig.6 ZENER BREAKDOWN CHARACTERISTICS
Vz, ZENER VOLTAGE(V)
0
0
10203040
10
20
30
Test Current Iz
5mA
10
11
12
13
15
16
18
27
36
Tj=25 C
O
20
20
4.7
22
30
33
24
7.5
8.2
9.1
22
24
30
33



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com