Electronic Components Datasheet Search
  English  ▼

X  

PJDLC05 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJDLC05
Description  ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJDLC05 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJDLC05 Datasheet HTML 1Page - Pan Jit International Inc. PJDLC05 Datasheet HTML 2Page - Pan Jit International Inc. PJDLC05 Datasheet HTML 3Page - Pan Jit International Inc. PJDLC05 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
October 12,2010-REV.00
PJDLC03~PJDLC24
PJDLC05 Makring T2S
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
V
RWM
--
-
5
V
Reverse Breakdown Voltage
V
BR
I
T=1mA
6
-
-
V
Reverse Leakage Current
I
R
V
RWM = 5V,
T = 25OC
--
20
μA
Clamping Voltage
V
C
I
PP = 1A
t
p = 8/20 μs
--
9.8
V
Clamping Voltage
V
C
I
PP = 5A
t
p = 8/20 μs
--
11
V
Junction Capacitance
C
J
Between pin1.2 to 3
V
R=0V,f=1MHz
-
-
0.65
pF
PJDLC12 Makring DJ2
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
V
RWM
--
-
12
V
Reverse Breakdown Voltage
V
BR
I
T=1mA
13.3
-
-
V
Reverse Leakage Current
I
R
V
RWM = 12V,
T = 25OC
--
1
μA
Clamping Voltage
V
C
I
PP = 1A
t
p = 8/20 μs
--
19
V
Clamping Voltage
V
C
I
PP = 5A
t
p = 8/20 μs
--
24
V
Junction Capacitance
C
J
Between pin1.2 to 3
V
R=0V,f=1MHz
--
1.2
pF
PJDLC15 Makring DJ5
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
V
RWM
--
-
15
V
Reverse Breakdown Voltage
V
BR
I
T=1mA
16.7
-
-
V
Reverse Leakage Current
I
R
V
RWM = 15V,
T = 25OC
--
1
μA
Clamping Voltage
V
C
I
PP = 1A
t
p = 8/20 μs
--
24
V
Clamping Voltage
V
C
I
PP = 5A
t
p = 8/20 μs
--
30
V
Junction Capacitance
C
J
Between pin1.2 to 3
V
R=0V,f=1MHz
--
1.2
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com