Electronic Components Datasheet Search
  English  ▼

X  

LB1978V Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB1978V
Description  Three-Phase Half-Wave Sensorless Motor Driver for Headphone Stereos
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1978V Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB1978V Datasheet HTML 1Page - Sanyo Semicon Device LB1978V Datasheet HTML 2Page - Sanyo Semicon Device LB1978V Datasheet HTML 3Page - Sanyo Semicon Device LB1978V Datasheet HTML 4Page - Sanyo Semicon Device LB1978V Datasheet HTML 5Page - Sanyo Semicon Device LB1978V Datasheet HTML 6Page - Sanyo Semicon Device LB1978V Datasheet HTML 7Page - Sanyo Semicon Device LB1978V Datasheet HTML 8Page - Sanyo Semicon Device LB1978V Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LB1978V
No. 6186-5/9
Pin number
1
2
3
4
5
Pin Description
Pin name
FC
OSC
COM
IRF
CI
Equivalent circuit
Pin function
Oscillator and ripple suppression pin.
The higher the capacitance connected to
FG, the more effectively will ripple
components be suppressed.
Startup pulse cycle and drive switching
cycle setting pin.
Increased capacitance will result in higher
startup pulse cycle and drive switching
cycle.
Startup waveform detector offset setting
pin.
RCOM =1 kΩ results in approx. 25 mV
offset at startup
Oscillator circuit and F-V servo circuit
internal current setting pin.
Speed adjustment pin using CR
oscillation based on FG pulse edge
detection.
Continued on next page
Vcc
PGND
1
Vcc
SGND
2
Vcc
PGND
3
10k
Ω
120
µA
Vcc
SGND
4
25
µA
Vcc
SGND
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com