Electronic Components Datasheet Search
  English  ▼

X  

FZT849 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FZT849
Description  SOT223 NPN SILICON PLANAR HIGH CURRENT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT849 Datasheet(HTML) 2 Page - Diodes Incorporated

  FZT849 Datasheet HTML 1Page - Diodes Incorporated FZT849 Datasheet HTML 2Page - Diodes Incorporated FZT849 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FZT849
SOT223 NPN SILICON PLANAR HIGH CURRENT
(HIGH PERFORMANCE) TRANSISTOR
ISSUE 3 - JANUARY 1996
FEATURES
* Extremely low equivalent on-resistance; RCE(sat)36mΩ at 5A
* 7 Amp continuous collector current (20 Amp peak)
* Very low saturation voltages
* Excellent gain charateristics specified upto 20 Amp
* Ptot =3 Watts
PARTMARKING DETAILS -
FZT849
COMPLEMENTARY TYPE -
FZT949
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
6V
Peak Pulse Current
ICM
20
A
Continuous Collector Current
IC
7A
Power Dissipation at Tamb=25°C
Ptot
3W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
*The power which can be dissipated assuming the device is mounted in a typical manner on a
P.C.B. with copper equal to 4 inch square minimum
FZT849
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated)
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
80
120
V
IC=100µA
Collector-Emitter Breakdown
Voltage
V(BR)CER
80
120
V
IC=1µA, RB ≤1kΩ
Collector-Emitter Breakdown
Voltage
V(BR)CEO
30
40
V
IC=10mA*
Emitter-Base Breakdown
Voltage
V(BR)EBO
68
V
IE=100µA
Collector Cut-Off Current
ICBO
50
1
nA
µ
A
VCB=70V
VCB=70V, Tamb=100°C
Collector Cut-Off Current
ICER
R ≤1kΩ
50
1
nA
µ
A
VCB=70V
VCB=70V, Tamb=100°C
Emitter Cut-Off Current
IEBO
10
nA
VEB=6V
Collector-Emitter Saturation
Voltage
VCE(sat)
35
67
168
50
110
215
350
mV
mV
mV
mV
IC=0.5A, IB=20mA*
IC=1A, IB=20mA*
IC=2A, IB=20mA*
IC=6.5A, IB=300mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1.2
V
IC=6.5A, IB=300mA
Base-Emitter Turn-On Voltage VBE(on)
1.13
V
IC=6.5A, VCE=1V*
Static Forward
Current Transfer Ratio
hFE
100
100
100
30
200
200
150
65
300
IC=10mA, VCE=1V
IC=1A, VCE=1V*
IC=7A, VCE=1V*
IC=20A, VCE=2V*
Transition Frequency
fT
100
MHz
IC=100mA, VCE=10V
f=50MHz
Output Capacitance
Cobo
75
pF
VCB=10V, f=1MHz*
Switching Times
ton
toff
45
630
ns
ns
IC=1A, IB1=100mA
IB2=100mA, VCC=10V
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
C
C
E
B
3 - 258
3 - 257



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com