Electronic Components Datasheet Search
  English  ▼

X  

AD8220 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8220
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220 Datasheet(HTML) 3 Page - Analog Devices

  AD8220 Datasheet HTML 1Page - Analog Devices AD8220 Datasheet HTML 2Page - Analog Devices AD8220 Datasheet HTML 3Page - Analog Devices AD8220 Datasheet HTML 4Page - Analog Devices AD8220 Datasheet HTML 5Page - Analog Devices AD8220 Datasheet HTML 6Page - Analog Devices AD8220 Datasheet HTML 7Page - Analog Devices AD8220 Datasheet HTML 8Page - Analog Devices AD8220 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD8220
Rev. B | Page 3 of 28
SPECIFICATIONS
VS+ = 15 V, VS− = −15 V, VREF = 0 V, TA = 25°C, TOPR = −40°C to +85°C for A and B grades. TOPR = −40°C to +125°C for W grade,
G = 1, RL = 2 kΩ1, unless otherwise noted.
Table 1.
A Grade
B Grade
W Grade
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
COMMON-MODE
REJECTION RATIO (CMRR)
TA for A, B grades,
TOPR for W grade
CMRR DC to 60 Hz with
1 kΩ Source Imbalance
VCM = ±10 V
G = 1
78
86
77
dB
G = 10
94
100
92
dB
G = 100
94
100
92
dB
G = 1000
94
100
92
dB
CMRR at 5 kHz
VCM = ±10 V
G = 1
74
80
72
dB
G = 10
84
90
80
dB
G = 100
84
90
80
dB
G = 1000
84
90
80
dB
NOISE
RTI noise =
√(eni2 + (eno/G)2), TA
Voltage Noise, 1 kHz
Input Voltage Noise, eni
VIN+, VIN− = 0 V
14
14
17
14
nV/√Hz
Output Voltage Noise, eno
VIN+, VIN− = 0 V
90
90
100
90
nV/√Hz
RTI, 0.1 Hz to 10 Hz
G = 1
5
5
5
μV p-p
G = 1000
0.8
0.8
0.8
μV p-p
Current Noise
f = 1 kHz
1
1
1
fA/√Hz
VOLTAGE OFFSET
VOS = VOSI + VOSO/G
Input Offset, VOSI
TA
−250
+250
−125
+125
−250
+250
μV
Average TC
TOPR
−10
+10
−5
+5
−10
+10
μV/°C
Output Offset, VOSO
TA
−750
+750
−500
+500
−750
+750
μV
Average TC
TOPR
−10
+10
−5
+5
−10
+10
μV/°C
Offset RTI vs. Supply
(PSR)
VS = ±5 V to ±15 V,
TA for A, B grades,
TOPR for W grade
G = 1
86
86
80
dB
G = 10
96
100
92
dB
G = 100
96
100
92
dB
G = 1000
96
100
92
dB
INPUT CURRENT
Input Bias Current
TA
25
10
25
pA
Over Temperature
TOPR
0.3
0.3
100
nA
Input Offset Current
TA
2
0.6
2
pA
Over Temperature
TOPR
0.005
0.005
10
nA
DYNAMIC RESPONSE
Small Signal Bandwidth,
−3 dB
TA
G = 1
1500
1500
1500
kHz
G = 10
800
800
800
kHz
G = 100
120
120
120
kHz
G = 1000
14
14
14
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com