Electronic Components Datasheet Search
  English  ▼

X  

PJP830 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJP830
Description  500V N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJP830 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJP830 Datasheet HTML 1Page - Pan Jit International Inc. PJP830 Datasheet HTML 2Page - Pan Jit International Inc. PJP830 Datasheet HTML 3Page - Pan Jit International Inc. PJP830 Datasheet HTML 4Page - Pan Jit International Inc. PJP830 Datasheet HTML 5Page - Pan Jit International Inc. PJP830 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
STAD-JAN.08.2010
PJP830 / PJF830
ELECTRICAL CHARACTERISTICS ( T
A=25
OC unless otherwise noted )
NOTE : Plus Test : Pluse Width < 300us, Duty Cycle < 2%.
P a ra me te r
S ymb o l
Te s t C o nd i ti o n
Mi n.
Typ .
Ma x.
Uni ts
S ta ti c
D r a i n- S o urc e B re a k d o wn Vo lta g e
B V
D S S
V
GS = 0 V , I D = 2 5 0 u A
5 0 0
-
-
V
Ga te Thre s ho ld Vo lta g e
V
GS (th)
V
D S = V GS , I D = 2 5 0 u A
2 .0
-
4 .0
V
D ra i n-S o urc e On-S ta te
Re s i s ta nc e
R
D S ( o n)
V
GS= 10V, I D= 2.5A
-
1.3
1.5
Ω
Ze ro Ga te Vo lta g e D ra i n
C urre nt
I
D S S
V
DS=500V, VGS=0V
-
-
10
uA
Gate Body Leakage
I
GS S
V
GS = + 3 0 V , V D S = 0 V
-
-
+1 0 0
nΑ
Dynamic
To ta l Ga te C ha rg e
Q
g
V
D S = 4 0 0 V , ID = 4 . 5 A
V
GS = 1 0 V
-
1 8 .6
-
nC
Ga te -S o urc e C ha rg e
Q
g s
-
3 .6
-
Ga te -D ra i n C ha rg e
Q
g d
-
8.4
-
Turn-On D e la y Ti me
t
d (o n)
V
DD=250V , I D =4.5A
V
GS=10V , RG=25
Ω
-
12.8
26
ns
Turn-On Ri s e Ti me
t
r
-
16.4
22
Turn-Off D e la y Ti me
t
d (o ff)
-
3 6 .2
5 6
Turn-Off F a ll Ti me
t
f
-
2 2
3 2
Inp ut C a p a c i ta nc e
C
i ss
V
D S = 2 5 V , V GS = 0 V
f=1 .0 MH
Z
-
5 6 0
9 8 0
p F
Outp ut C a p a c i ta nc e
C
o ss
-
68
150
Re ve rs e Tra ns fe r
C a p a c i ta nc e
C
rs s
-
8.2
12
S o urc e - D ra i n D i o d e
Ma x. D i o d e F o rwa rd C urre nt
I
S
-
-
-
4 .5
A
Ma x.P uls e d S o urc e C urre nt
I
S M
-
-
-
1 8
A
D i o d e F o rwa rd Vo lta g e
V
S D
I
S = 4 . 5 A , V GS = 0 V
-
-
1 .5
V
Re ve rs e Re c o ve ry Ti me
t
r r
V
GS = 0 V , IF = 4 . 5 A
d i /d t=1 0 0 A /us
-
2 5 0
-
ns
Re ve rs e Re c o ve ry C ha rg e
Q
rr
-
2 .2
-
uC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com