Electronic Components Datasheet Search
  English  ▼

X  

FZT951 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FZT951
Description  SOT223 PNP SILICON PLANAR HIGH CURRENT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT951 Datasheet(HTML) 3 Page - Diodes Incorporated

  FZT951 Datasheet HTML 1Page - Diodes Incorporated FZT951 Datasheet HTML 2Page - Diodes Incorporated FZT951 Datasheet HTML 3Page - Diodes Incorporated FZT951 Datasheet HTML 4Page - Diodes Incorporated FZT951 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 - 280
3 - 281
-55°C
+25°C
+100°C
+175°C
+100°C
+25°C
-55°C
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
110
0
1.0
0.8
0.6
0.4
0.2
1.6
1.4
1.2
0.01
0.1
20
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
Tamb=25°C
VCE(sat) v IC
IC - Collector Current (Amps)
-55°C
+25°C
+175°C
-55°C
+25°C
+100°C
+175°C
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE v IC
VBE(sat) v IC
IC - Collector Current (Amps)
VBE(on) v IC
IC/IB=10
IC/IB=10
IC/IB=50
IC/IB=10
VCE=1V
VCE=1V
300
200
100
VCE - Collector Voltage (Volts)
Safe Operating Area
0.1
100
110
0.1
1
10
100
Single Pulse Test at Tamb=25°C
D.C.
1s
100ms
10ms
1.0ms
0.1ms
0.001
0.001
0.001
0.001
0.001
FZT951
FZT951
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
-100
-140
V
IC=-100A
Collector-Emitter Breakdown
Voltage
V(BR)CER
-100
-140
V
IC=-1A, RB1k
Collector-Emitter Breakdown
Voltage
V(BR)CEO
-60
-90
V
IC=-10mA*
Emitter-Base Breakdown
Voltage
V(BR)EBO
-6
-8
V
IE=-100A
Collector Cut-Off Current
ICBO
-50
-1
nA
A
VCB=-80V
VCB=-80V, Tamb=100°C
Collector Cut-Off Current
ICER
R
1k
-50
-1
nA
A
VCB=-80V
VCB=-80V, Tamb=100°C
Emitter Cut-Off Current
IEBO
-10
nA
VEB=-6V
Collector-Emitter Saturation
Voltage
VCE(sat)
-20
-85
-155
-370
-50
-140
-210
-460
mV
mV
mV
mV
IC=-100mA, IB=-10mA*
IC=-1A, IB=-100mA*
IC=-2A, IB=-200mA*
IC=-5A, IB=-500mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1080
-1240
mV
IC=-5A, IB=-500mA*
Base-Emitter
Turn-On Voltage
VBE(on)
-935
-1070
mV
IC=-5A, VCE=-1V*
Static Forward
Current Transfer Ratio
hFE
100
100
75
10
200
200
90
25
300
IC=-10mA, VCE=-1V*
IC=-2A, VCE=-1V*
IC=-5A, VCE=-1V*
IC=-10A, VCE=-1V*
Transition Frequency
fT
120
MHz
IC=-100mA, VCE=-10V
f=50MHz
Output Capacitance
Cobo
74
pF
VCB=-10V, f=1MHz
Switching Times
ton
toff
82
350
ns
ns
IC=-2A, IB1=-200mA
IB2=200mA, VCC=-10V
* Measured under pulsed conditions. Pulse width =300
s. duty cycle  2%
Spice parameter data is available upon request for this device



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com