Electronic Components Datasheet Search
  English  ▼

X  

LB1995 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB1995
Description  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1995 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LB1995 Datasheet HTML 1Page - Sanyo Semicon Device LB1995 Datasheet HTML 2Page - Sanyo Semicon Device LB1995 Datasheet HTML 3Page - Sanyo Semicon Device LB1995 Datasheet HTML 4Page - Sanyo Semicon Device LB1995 Datasheet HTML 5Page - Sanyo Semicon Device LB1995 Datasheet HTML 6Page - Sanyo Semicon Device LB1995 Datasheet HTML 7Page - Sanyo Semicon Device LB1995 Datasheet HTML 8Page - Sanyo Semicon Device LB1995 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LB1995
No. 5976-6/9
Sample Application Circuit
Capacitor requirements may change depending on motor.
For some motors, capacitor between Hall inputs may not be needed.
Power supply - GND
Output - GND
Between Hall inputs
1 VOUT
24
PWR GND
2 UOUT
23
WOUT
3 VCC2
22
VC
4 VCC3
21
VCREF
5 RF
20
FC
6 VCC1
FRAME GND
19
CC
FRAME GND
7 UIN2
18
SIG GND
8 UIN1
17
S/S
9 VIN2
16
BRAKE
10 VIN1
15
FG
11 WIN2
14
RS
12 WIN1
13
VH
LB1995
0.1
µF
0.1
µF
0.1
µF
CTRL signal
CTRL reference voltage
0.1
µF
0.2 to 0.5
Ω
0.1
µF
0.047
µF
0.047
µF
0.047
µF
CC
S/S
BRAKE
A11126



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com