Electronic Components Datasheet Search
  English  ▼

X  

LB1996 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1996
Description  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1996 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1996 Datasheet HTML 1Page - Sanyo Semicon Device LB1996 Datasheet HTML 2Page - Sanyo Semicon Device LB1996 Datasheet HTML 3Page - Sanyo Semicon Device LB1996 Datasheet HTML 4Page - Sanyo Semicon Device LB1996 Datasheet HTML 5Page - Sanyo Semicon Device LB1996 Datasheet HTML 6Page - Sanyo Semicon Device LB1996 Datasheet HTML 7Page - Sanyo Semicon Device LB1996 Datasheet HTML 8Page - Sanyo Semicon Device LB1996 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LB1996
No. 5977-2/9
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
7.0
V
14.4
V
14.4
V
Applied output voltage
14.4
V
Applied intput voltage
V
Output current
1.3
A
Allowable power dissipation
Pd max
IC only
0.8
W
1.9
W
Operating temperature
Topr
°C
Storage temperature
Tstg
°C
–20 to +75
–55 to +150
with substrate (114.3 x 76.1 x 1.6 mm
3,
glass exposy)
Maximum Ratings at Ta = 25
°C
Specifications
Operating Conditions at Ta = 25
°C
Sample Application at Ta = 25
°C
Note: When boost-up voltage is used at VCC2, output can be set to low-saturation.
VCC1 max
VCC2 max
VCC3 max
VO max
VIN max
IO max
VCC1
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
4 to 6
V
4 to 13.6
V
4 to 13.6
V
VCC1
VCC2
VCC3
Parameter
Symbol
Conditions
Ratings
Unit
12V type
Regulated voltage
4 to 6
V
Unregulated voltage
4 to 13.6
V
5V type
Regulated voltage
4 to 6
V
4 to 13.6
V
Boost-up voltage or regulated voltage
(Note)
VCC1
VCC2 = VCC3
VCC1 = VCC3
VCC2
≥ V
CC1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com